Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXA025A0X Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # NXA025A0X
Description  NaOSTM NXA025 SIP Non-isolated Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NXA025A0X Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button NXA025A0X Datasheet HTML 2Page - Lineage Power Corporation NXA025A0X Datasheet HTML 3Page - Lineage Power Corporation NXA025A0X Datasheet HTML 4Page - Lineage Power Corporation NXA025A0X Datasheet HTML 5Page - Lineage Power Corporation NXA025A0X Datasheet HTML 6Page - Lineage Power Corporation NXA025A0X Datasheet HTML 7Page - Lineage Power Corporation NXA025A0X Datasheet HTML 8Page - Lineage Power Corporation NXA025A0X Datasheet HTML 9Page - Lineage Power Corporation NXA025A0X Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
October 5, 2009
NaosTM NXA025 SIP Non-isolated Power Modules:
10 – 14Vdc Input; 0.8Vdc to 5.5Vdc Output; 25A output current
LINEAGE POWER
6
Characteristic Curves (continued)
The following figures provide typical characteristics for the NXA025A0X at 25ºC.
TIME, t (1
μs/div)
TIME, t (5
μs/div)
Figure 7. Typical Output Ripple and Noise (Vin = 12V
dc, Vo = 3.3 Vdc, Cout = 2x 0.47uF ceramic capacitor).
Figure 10. Transient Response to Dynamic Load
Change from 100% to 50% of full load (Vo = 3.3Vdc).
TIME, t (1
μs/div)
TIME, t (0.5ms/div)
Figure 8. Typical Output Ripple and Noise (Vin = 12V
dc, Vo = 1.2Vdc, Cout = 2x 0.47uF ceramic capacitor).
Figure 11. Typical Start-Up with application of Vin (Vo
= 3.3Vdc).
TIME, t (5
μs/div)
TIME, t (0.5ms/div)
Figure 9. Transient Response to Dynamic Load
Change from 50% to 100% of full load (Vo = 3.3Vdc).
Figure 12. Typical Start-Up Using Enable (Vo =
3.3Vdc).


Similar Part No. - NXA025A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NXA025A0X-HS LINEAGEPOWER-NXA025A0X-HS Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
NXA025A0X-HSZ LINEAGEPOWER-NXA025A0X-HSZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
NXA025A0X-L LINEAGEPOWER-NXA025A0X-L Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
NXA025A0X-LP LINEAGEPOWER-NXA025A0X-LP Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
NXA025A0X-LPZ LINEAGEPOWER-NXA025A0X-LPZ Datasheet
1Mb / 21P
   10Vdc ??14Vdc Input 0.8Vdc to 5.5Vdc Output; 25A Output Current
More results

Similar Description - NXA025A0X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT6A-12SA BOURNS-SXT6A-12SA Datasheet
939Kb / 13P
   SIP Non-Isolated Power Module
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
SXT16A-3-5SA BOURNS-SXT16A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT6A-3-5SA BOURNS-SXT6A-3-5SA Datasheet
239Kb / 2P
   SIP Non-Isolated Power Module
logo
Lineage Power Corporati...
APTS050A0X LINEAGEPOWER-APTS050A0X Datasheet
610Kb / 20P
   GigaTLynxTM Non-isolated Power Modules
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
   Austin MicroLynx Non-Isolated SIP series
logo
Power-One
TL2105PIS POWER-ONE-TL2105PIS Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
logo
Lineage Power Corporati...
NSR040A0X LINEAGEPOWER-NSR040A0X_11 Datasheet
497Kb / 18P
   Naos Raptor 40A Non-Isolated Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com