Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBDW033A0B41-PHZ Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # QBDW033A0B41-PHZ
Description  QBDW033A0B Series Power Modules; DC-DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBDW033A0B41-PHZ Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button QBDW033A0B41-PHZ Datasheet HTML 2Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 3Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 4Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 5Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 6Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 7Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 8Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 9Page - Lineage Power Corporation QBDW033A0B41-PHZ Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Advanced Data Sheet
February 10, 2011
QBDW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 9.6-12Vdc Output; 33A Output Current
LINEAGE POWER
6
Characteristic Curves (continued)
.
INPUT VOLTAGE, Vin (V)
TIME, t (1
s/div)
Figure 7. Typical Output Voltage regulation vs. Input
Voltage at Room Temperature.
Figure 9. Typical Output Ripple and Noise at Room
Temperature and Io = Io,max.
OUTPUT CURRENT, IO (A)
Figure 8. Typical Output Voltage Regulation vs. Output
Current at Room Temperature.
36 Vin
48 Vin
75 Vin


Similar Part No. - QBDW033A0B41-PHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBDW025A0B LINEAGEPOWER-QBDW025A0B Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B41HZ LINEAGEPOWER-QBDW025A0B41HZ Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B41Z LINEAGEPOWER-QBDW025A0B41Z Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B641HZ LINEAGEPOWER-QBDW025A0B641HZ Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
QBDW025A0B641PHZ LINEAGEPOWER-QBDW025A0B641PHZ Datasheet
1Mb / 32P
   36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
More results

Similar Description - QBDW033A0B41-PHZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B41Z LINEAGEPOWER-QBVW033A0B41Z Datasheet
974Kb / 15P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBVW033A0B_1109 LINEAGEPOWER-QBVW033A0B_1109 Datasheet
1Mb / 18P
   QBVW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com