Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5076 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5076
Description  High-Current Switching Applications.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5076 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5076 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5076
2004-07-07
4
Collector-emitter voltage VCE (V)
Safe Operating Area
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
VBE (sat) – IC
5
0
0
1
2
3
4
0.4
0.8
1.2
1.6
2.0
2.4
Common emitter
VCE = 1 V
25
Tc = 100°C
−55
Tc = −55°C
25
Common emitter
IC/IB = 20
100
10
0.5
1
5
3
0.1
0.03
0.1
0.3
1
3
10
0.3
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max
(continuous)
IC max (pulsed)*
DC operation
(Ta = 25°C)
0.001
0.3
1
3
10
30
100
1 ms*
10 ms*
VCEO max
0.5
0.3
5
10
1
0.1
3
0.05
0.03
0.1
0.005
0.003
0.01
50
0.5
5


Similar Part No. - 2SC5076

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5076 TOSHIBA-2SC5076 Datasheet
188Kb / 4P
   NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
More results

Similar Description - 2SC5076

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com