Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4644EUT+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4644EUT+T
Description  High-Speed, Low-Voltage, 4Ω, SPDT CMOS Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4644EUT+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4644EUT+T Datasheet HTML 2Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 3Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 4Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 5Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 9Page - Maxim Integrated Products MAX4644EUT+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
High-Speed, Low-Voltage, 4
Ω,
SPDT CMOS Analog Switch
_______________________________________________________________________________________
9
Figure 5. NO, NC, and COM Capacitance
MEASUREMENTS ARE STANDARDIZED AGAINST
SHORT AT SOCKET TERMINALS. OFF-ISOLATION IS
MEASURED BETWEEN COM AND “OFF” TERMINAL
ON EACH SWITCH. ON-LOSS IS MEASURED BETWEEN
COM AND “ON” TERMINAL ON EACH SWITCH. SIGNAL
DIRECTION THROUGH SWITCH IS REVERSED; WORST
VALUES ARE RECORDED.
V+
V+
VOUT
GND
V+
IN
NO
OR
NC
COM
VIN
MAX4644
OFF-ISOLATION = 20log
VOUT
VIN
ON-LOSS = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
0.1
μF
50
Ω
Figure 3. Off-Isolation and On-Loss
ΔVOUT
V+
0
VIN
VOUT
ΔVOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
ΔVOUT x CL
V+
VOUT
GND
V+
IN
NO
OR
NC
COM
VNO OR VNC = 0V
50
Ω
MAX4644
CL
1000pF
VIN
V+
GND
V+
IN
NO
OR
NC
COM
MAX4644
AS
REQUIRED
1MHz
CAPACITANCE
ANALYZER
Figure 4. Charge Injection


Similar Part No. - MAX4644EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4644EUT-T MAXIM-MAX4644EUT-T Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
More results

Similar Description - MAX4644EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
   High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
Rev. B, 07-Feb-11
DG2706 VISHAY-DG2706_V01 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
Vishay Siliconix
DG3157 VISHAY-DG3157_V01 Datasheet
129Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
01-Jan-2022
DG2307 VISHAY-DG2307 Datasheet
105Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch
Rev. B, 30-Apr-07
DG3157 VISHAY-DG3157_09 Datasheet
126Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
Rev. D, 23-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com