Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5376FV Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5376FV
Description  Audio Frequency General Purpose Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5376FV Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5376FV Datasheet HTML 1Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 2Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 3Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 4Page - Toshiba Semiconductor 2SC5376FV Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5376FV
2004-06-07
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 15 V, IE = 0
0.1
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
0.1
µA
DC current gain
hFE
(Note)
VCE = 2 V, IC = 10 mA
300
1000
VCE (sat) (1) IC = 10 mA, IB = 0.5 mA
15
30
mV
Collector-emitter saturation voltage
VCE (sat) (2) IC = 200 mA, IB = 10 mA
110
250
mV
Base-emitter voltage
VBE (sat)
IC = 200 mA, IB = 10 mA
0.87
1.2
V
Transition frequency
fT
VCE = 2 V, IC = 10 mA
80
130
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
4.2
pF
Collector-emitter on resistance
Ron
IB = 1 mA, Vin = 1 Vrms, f = 1 kHz
0.9
Turn-on time
ton
85
ns
Storage time
tstg
170
ns
Switching time
Falll time
tf
40
ns
Note: hFE Classification
A: 300 ~ 600, B: 500 ~ 1000
OUTPUT
300
VCC = 6 V
VBB = −3 V
INPUT
0 V
10
µs
Duty Cycle <= 2%
IB1
= −IB2 = 5 mA


Similar Part No. - 2SC5376FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5376FV TOSHIBA-2SC5376FV Datasheet
161Kb / 5P
   Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
2SC5376FV-A TOSHIBA-2SC5376FV-A Datasheet
161Kb / 5P
   Audio Frequency General Purpose Amplifier Applications For Muting and Switching Applications
More results

Similar Description - 2SC5376FV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
   Audio frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
2SC1815-GRF TOSHIBA-2SC1815-GRF Datasheet
279Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN1A01FU-Y TOSHIBA-HN1A01FU-Y Datasheet
235Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
HN1C01FU-Y TOSHIBA-HN1C01FU-Y Datasheet
243Kb / 4P
   Audio-Frequency General-Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
   Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
   Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com