Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32483EIBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL32483EIBZ
Description  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32483EIBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL32483EIBZ Datasheet HTML 3Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 4Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 5Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 6Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 9Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 10Page - Intersil Corporation ISL32483EIBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL32483E, ISL32485E
7
FN7785.0
January 18, 2011
Driver Disable from Output
High
tHZ
SW = GND (Figure 5)
Full
-
-
120
ns
Time to Shutdown
tSHDN
(Notes 11, 16)
Full
60
160
600
ns
Driver Enable from Shutdown
to Output High
tZH(SHDN) SW = GND (Figure 5),
(Notes 11, 12, 16)
Full
-
-
2000
ns
Driver Enable from Shutdown
to Output Low
tZL(SHDN) SW = VCC (Figure 5),
(Notes 11, 12, 16)
Full
-
-
2000
ns
RECEIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
-25V ≤ VCM ≤ 25V (Figure 7)
Full
1
15
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL -25V ≤ VCM ≤ 25V (Figure 7)
Full
-
90
150
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 7)
Full
-
4
10
ns
Receiver Enable to Output
Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 10, 16)
Full
-
-
50
ns
Receiver Enable to Output
High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 10, 16)
Full
-
-
50
ns
Receiver Disable from Output
Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)
(Note 16)
Full
-
-
50
ns
Receiver Disable from Output
High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)
(Note 16)
Full
-
-
50
ns
Time to Shutdown
tSHDN
(Notes 11, 16)
Full
60
160
600
ns
Receiver Enable from
Shutdown to Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 11, 13, 16)
Full
-
-
2000
ns
Receiver Enable from
Shutdown to Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 11, 13, 16)
Full
-
-
2000
ns
NOTES:
6. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
7. Supply current specification is valid for loaded drivers when DE = 0V.
8. Applies to peak current. See “Typical Performance Curves” beginning on page 18 for more information
9. Keep RE = 0 to prevent the device from entering SHDN.
10. The RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
11. Transceivers (except on the ISL32485E) are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 60ns, the
parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are guaranteed to have entered shutdown. See
“Low Power Shutdown Mode” on page 12.
12. Keep RE = VCC, and set the DE signal low time >600ns to ensure that the device enters SHDN.
13. Set the RE signal high time >600ns to ensure that the device enters SHDN.
14. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.
15. Tested according to TIA/EIA-485-A, Section 4.2.6 (±80V for 15ms at a 1% duty cycle).
16. Does not apply to the ISL32485E. The ISL32485E has no Rx enable function, and thus no SHDN function.
17. See “Caution” statement in the “Recommended Operating Conditions” section on page 5.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


Similar Part No. - ISL32483EIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32483EIBZ RENESAS-ISL32483EIBZ Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
More results

Similar Description - ISL32483EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com