Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5465 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5465
Description  Switching Regulator and High Voltage Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5465 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5465 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5465 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5465 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5465 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5465
2005-02-01
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5465
Switching Regulator and High Voltage Switching
Applications
High Speed DC-DC Converter Applications
• Excellent switching times: tr = 0.7 µs (max)
tf = 0.5 µs (max) (IC = 0.08 A)
• High collector breakdown voltage: VCEO = 800 V
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
900
V
Collector-emitter voltage
VCEO
800
V
Emitter-base voltage
VEBO
7
V
DC
IC
0.8
Collector current
Pulse
ICP
1.5
A
Base current
IB
0.2
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Industrial Applications
Unit: mm
JEDEC
JEITA
TOSHIBA
2-7B1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC5465

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5465 TOSHIBA-2SC5465 Datasheet
168Kb / 4P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5465 TOSHIBA-2SC5465 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5465

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684 Datasheet
129Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5465 TOSHIBA-2SC5465 Datasheet
168Kb / 4P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5562 TOSHIBA-2SC5562 Datasheet
131Kb / 3P
   SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com