Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7033EUI+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7033EUI+
Description  315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7033EUI+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7033EUI+ Datasheet HTML 7Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 8Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 9Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 10Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 11Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 12Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 13Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 14Page - Maxim Integrated Products MAX7033EUI+ Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
315MHz/433MHz ASK Superheterodyne
Receiver with AGC Lock
______________________________________________________________________________________
11
COMPONENT
VALUE FOR fRF = 433MHz
VALUE FOR fRF = 315MHz
DESCRIPTION
C1
100pF
100pF
5%
C2
2pF
4pF
± 0.1pF
C3
100pF
100pF
5%
C4
100pF
100pF
5%
C5
1500pF
1500pF
10%
C6
220pF
220pF
5%
C7
470pF
470pF
5%
C8
0.47μF
0.47μF
20%
C9
220pF
220pF
10%
C10
0.01μF
0.01μF
20%
C11
0.01μF
0.01μF
20%
C12
15pF
15pF
Depends on XTAL
C13
15pF
15pF
Depends on XTAL
L1
56nH
120nH
TOKO LL1608-FH
L2
15nH
15nH
Murata LQP11A
L3
15nH
27nH
Murata LQP11A
R1
5.1k
Ω
5.1k
Ω
5%
X1
6.5984MHz
4.7547MHz
X2
10.7MHz ceramic filter
10.7MHz ceramic filter
Murata SFECV10.7 series
injection is required due to the on-chip image-rejection
architecture. The IF output is driven by a source follow-
er biased to create a driving-point impedance of 330
Ω;
this provides a good match to the off-chip 330
Ω ceram-
ic IF filter.
The IRSEL pin is a logic input that selects one of the
three possible image-rejection frequencies. When VIRSEL
= 0V, the image rejection is tuned to 315MHz. VIRSEL =
VDD5/2 tunes the image rejection to 375MHz, and VIRSEL
= VDD5 tunes the image rejection to 433MHz. The IRSEL
pin is internally set to VDD5/2 (image rejection at
375MHz) when it is left unconnected, thereby eliminating
the need for an external VDD5/2 voltage.
Phase-Locked Loop
The PLL block contains a phase detector, charge
pump, integrated loop filter, VCO, asynchronous 64x
clock divider, and crystal oscillator driver. Besides the
crystal, this PLL does not require any external compo-
nents. The VCO generates a low-side LO. The relation-
ship between the RF, IF, and reference frequencies is
given by:
where:
M = 1 (VXTALSEL = VDD5) or 2 (VXTALSEL = 0V)
To allow the smallest possible IF bandwidth (for best sen-
sitivity), minimize the tolerance of the reference crystal.
Intermediate Frequency and RSSI
The IF section presents a differential 330
Ω load to pro-
vide matching for the off-chip ceramic filter. The six
internal AC-coupled limiting amplifiers produce an
overall gain of approximately 65dB, with a bandpass-fil-
ter-type response centered near the 10.7MHz IF fre-
quency with a 3dB bandwidth of approximately 10MHz.
The RSSI circuit demodulates the IF by producing a DC
output proportional to the log of the IF signal level, with
a slope of approximately 14.2mV/dB (see the
Typical
Operating Characteristics).
Applications Information
Crystal Oscillator
The crystal oscillator in the MAX7033 is designed to
present a capacitance of approximately 3pF between
the XTAL1 and XTAL2. If a crystal designed to oscillate
with a different load capacitance is used, the crystal is
pulled away from its stated operating frequency, intro-
ducing an error in the reference frequency. Crystals
f
ff
M
REF
RF
IF
=
×
-
32
Table 1. Component Values for Typical Application Circuit


Similar Part No. - MAX7033EUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033EUI++ MAXIM-MAX7033EUI+ Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
More results

Similar Description - MAX7033EUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
MAX1473 MAXIM-MAX1473 Datasheet
415Kb / 17P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 3; 11/03
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com