Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8900A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8900A
Description  1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8900A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8900A_11 Datasheet HTML 4Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 5Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 6Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 7Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 8Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 9Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 10Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 11Page - Maxim Integrated Products MAX8900A_11 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
1.2A Switch-Mode Li+ Chargers with ±22V Input
Rating and JEITA Battery Temperature Monitoring
8
Typical Operating Characteristics
(Circuit of Figure 1, VIN = 6V, VBAT = 3.6V, TA = +25NC, unless otherwise noted.)
INPUT SUPPLY CURRENT
vs. INPUT VOLTAGE (DISABLED, VBAT = 0V)
VIN (V)
20
10
0
-10
-20
0
20
40
60
80
100
120
-20
-30
30
VCEN = 3.0V
INPUT SUPPLY CURRENT
vs. INPUT VOLTAGE (DISABLED, VBAT = 3.6V)
VIN (V)
20
10
0
-10
-20
0
20
40
60
80
100
120
-20
-30
30
VCEN = 3.0V
INPUT SUPPLY CURRENT
vs. INPUT VOLTAGE (PREQUALIFICATION)
VIN (V)
10
5
20
40
60
80
100
120
0
0
15
MAX8900A
VCEN = 0V
VBAT = 2.6V
RDNI = 3.83kI
VIN RISING
VIN FALLING
INPUT SUPPLY CURRENT
vs. INPUT VOLTAGE (CHARGING AT 1.2A)
VIN (V)
10
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
15
MAX8900A
VCEN = 0V
VBAT = 3.1V
RSETI = 2.87kI
VIN RISING
VIN FALLING
INPUT SUPPLY CURRENT
vs. INPUT VOLTAGE (VIN2BAT DETAIL)
VIN (V)
6.5
5.5
4.5
0.2
0.4
0.6
0.8
1.0
1.2
0
3.5
7.5
VCEN = 0V
VBAT = 4.0V
RSETI = 3.01kI
VIN RISING
VIN FALLING
RL = 90mI
MAX8900A
CHARGE CURRENT
vs. BATTERY VOLTAGE
VBAT (V)
5
4
3
2
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
6
RSETI = 2.87kI
RSETI = 3.40kI
RSETI = 6.81kI
RSETI = 34.0kI
RDNI = 3.83kI
VCEN = 0V
VIN = 6.0V
MAX8900A/
MAX8900B
INPUT SUPPLY CURRENT AND
CHARGE CURRENT vs. INPUT VOLTAGE
VIN (V)
6.5
5.5
4.5
0.2
0.4
0.6
0.8
1.0
1.2
0
3.5
7.5
MAX8900A
VCEN = 0V
VBAT = 4.0V
RSETI = 3.01kI
VIN FALLING
IBAT
IIN
BATTERY REGULATION VOLTAGE
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
60
35
10
-15
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.990
-40
85
VCEN = 0V
VBAT = UNCONNECTED
VIN = 5.0V
VTHM = VAVL/2
BATTERY REGULATION VOLTAGE
vs. INPUT VOLTAGE
VIN (V)
8
7
6
5
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.990
4
9
MAX8900B
VCEN = 0V
VBAT = UNCONNECTED


Similar Part No. - MAX8900A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8900AEVKIT MAXIM-MAX8900AEVKIT Datasheet
3Mb / 15P
   Three Status LED Indicators
Rev 0; 4/10
MAX8900AEVKIT++ MAXIM-MAX8900AEVKIT+ Datasheet
3Mb / 15P
   Three Status LED Indicators
Rev 0; 4/10
MAX8900AEWV+T MAXIM-MAX8900AEWV+T Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8900AEWV+T MAXIM-MAX8900AEWV+T Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
More results

Similar Description - MAX8900A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
   Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Texas Instruments
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
[Old version datasheet]   JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com