Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8900AEWV+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8900AEWV+T
Description  1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8900AEWV+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8900AEWV+T Datasheet HTML 3Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 4Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 5Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 6Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 7Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 8Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 9Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 10Page - Maxim Integrated Products MAX8900AEWV+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
1.2A Switch-Mode Li+ Chargers with ±22V Input
Rating and JEITA Battery Temperature Monitoring
7
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 6V, VBAT = 4V, RSETI = 2.87kI, RDNI = 3.57kI, VTHM = VAVL/2, circuit of Figure 1, TA = -40NC to +85NC, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
Note 2: Parameters are production tested at TA = +25NC. Limits over the operating temperature range are guaranteed through
correlation using statistical quality control (SQC) methods.
Note 3: Contact factory for alternative values.
Note 4: VIN must be greater than VUVLO-RISING for the part to operate when CEN is pulled low. For example, if CEN is low and the
MAX8900_ is operating with VUVLO-FALLING < VIN < VUVLO-RISING, then toggling CEN results in a nonoperating condition.
Note 5: Guaranteed by design, not production tested.
Note 6: When the charger is in its DONE state, it restarts when the battery voltage falls to the charger restart threshold. The battery
voltage that causes a restart (VBAT-RSTRT) is VBAT-RSTRT = 4.2V - VRSTRT. For example, with the MAX8900A, VBAT-RSTRT
= 4.2V - 100mV = 4.1V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATUS OUTPUTS (STAT1, STAT2, STAT3)
STAT1 and STAT2 Output
Voltage Low
ISINK = 1mA
0.025
0.05
V
ISINK = 15mA
0.38
STAT1 and STAT2 Output High
Leakage
VSTAT_= 28V
TA = +25NC
0.001
1
F
A
TA = +85NC
0.01
STAT3 Output Voltage Low
ISINK = 1mA
0.01
V
ISINK = 15mA
0.15
0.25
STAT3 Output High Leakage
VSTAT3 = 5.5V
TA = +25NC
0.001
1
F
A
TA = +85NC
0.01
PVL AND AVL
PVL and AVL Output Voltage
0 to 30mA internal load, VIN = 6V,
TA = 0NC to +85NC
4.6
5.0
5.1
V
0 to 23mA internal load, VIN = 6V,
TA = -40NC to +85NC
THERMAL
Thermal Regulation Temperature
TREG
Junction temperature when charge current
is reduced
95
N
C
Thermal Regulation Gain
TTREG
The charge current is decreased 6.7% of
the fast-charge current setting for every
degree that the junction temperature
exceeds the thermal regulation temperature
6.7
%/NC
Thermal-Shutdown Temperature
TSHDN
Junction temperature rising, 15NC hysteresis
+155
N
C


Similar Part No. - MAX8900AEWV+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8900AEWV+T MAXIM-MAX8900AEWV+T Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8900AEWV+T MAXIM-MAX8900AEWV+T Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
More results

Similar Description - MAX8900AEWV+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
   1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
   Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Maxim Integrated Produc...
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
   Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
   High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
logo
Linear Technology
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Texas Instruments
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
[Old version datasheet]   JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com