Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9611 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9611
Description  High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9611 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9611 Datasheet HTML 7Page - Maxim Integrated Products MAX9611 Datasheet HTML 8Page - Maxim Integrated Products MAX9611 Datasheet HTML 9Page - Maxim Integrated Products MAX9611 Datasheet HTML 10Page - Maxim Integrated Products MAX9611 Datasheet HTML 11Page - Maxim Integrated Products MAX9611 Datasheet HTML 12Page - Maxim Integrated Products MAX9611 Datasheet HTML 13Page - Maxim Integrated Products MAX9611 Datasheet HTML 14Page - Maxim Integrated Products MAX9611 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
High-Side, Current-Sense Amplifiers with
12-Bit ADC and Op Amp/Comparator
______________________________________________________________________________________ 11
Functional Diagrams
MAX9611
RS+
RS-
OUT
OP AMP/
COMP
CSA
2.5x
1x, 4x,
8x
TEMP
MUX
SET
GND
VCC
SCL
SDA
A0
A1
DECODER
I2C
REGISTERS
12-BIT
ADC
MAX9612
RS+
RS-
OUT
OP AMP/
COMP
CSA
2.5x
1x, 4x,
8x
TEMP
MUX
NOTE: ANALOG PATH IN BOLD.
SET
GND
VCC
SCL
SDA
A0
A1
DECODER
I2C
REGISTERS
12-BIT
ADC


Similar Part No. - MAX9611

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 12P
   Easy-to-Use, Menu-Driven Software
Rev 0; 11/10
MAX9611 MAXIM-MAX9611 Datasheet
1Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
MAX9611AUB++ MAXIM-MAX9611AUB+ Datasheet
1Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
MAX9611EVKIT MAXIM-MAX9611EVKIT Datasheet
2Mb / 12P
   Easy-to-Use, Menu-Driven Software
Rev 0; 11/10
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
   Programmable Current Limit Up to 1A
Rev 0; 5/12
More results

Similar Description - MAX9611

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
   High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
logo
STMicroelectronics
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
   High side current sense high voltage op amp
March 2014 Rev 1
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
   High side current sense high voltage op amp
March 2014 Rev 1
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
logo
SONiX Technology Compan...
SN8P2740 SONIX-SN8P2740 Datasheet
3Mb / 136P
   ADC, OP-amp, Comparator 8-Bit Micro-Controller
logo
Linear Technology
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
   High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
logo
Richtek Technology Corp...
RT6056 RICHTEK-RT6056 Datasheet
1Mb / 27P
   High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
April 2022
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com