Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9635 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9635
Description  Industry’s Lowest-Power Ambient Light Sensor with ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9635 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9635_11 Datasheet HTML 2Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 3Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 4Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 5Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 6Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 7Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 8Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 9Page - Maxim Integrated Products MAX9635_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Industry’s Lowest-Power
Ambient Light Sensor with ADC
6
Detailed Description
The MAX9635 is an ambient light sensor with integrated
photodiode and ADC with an I2C digital interface. To
measure ambient light, the die is placed inside an
optically transparent (OTDFN) package. A photodi-
ode inside the IC converts the light to a current that is
then processed by low-power circuitry into a digital bit
stream. This is digitally processed and stored in an out-
put register that is read by an I2C interface. An on-chip
programmable interrupt function eliminates the need for
continually polling the device for data and results in sig-
nificant power saving.
A package-level optical filter prevents ultraviolet
and infrared from reaching the photodiode. Its opti-
cal response is also designed to match the spectral
response of the human eye. A second photodiode array,
sensitive primarily to the infrared spectrum, is then used
to match flourescent and incandescent light response
from the part.
Two key features of the IC analog design are its ultra-low
current consumption (typically 0.65µA) and an extremely
wide dynamic light range that extends from 0.045 lux to
188,000 lux—more than a 4,000,000 to 1 range. The on-
chip autoranging scheme requires no user intervention
for the gain-range setting.
The IC can be customized to operate at enhanced sen-
sitivity in applications where it needs to operate behind
a dark glass.
The default integration time of the ADC is 100ms, giving
it inherent rejection of 50Hz and 60Hz ripple common in
certain line-powered light sources.
Human Eye CIE Curve and
Different Light Sources
The IC is designed to detect brightness in the same way
as human eyes do. To achieve this, the sensor needs to
have a spectral sensitivity that is similar to that of human
eyes. Figure 1 shows the spectral sensitivity of the IC
and the human eye (CIE curve).
As can be seen, the human eye has its peak sensitivity
at 555nm (green), while that of blue (~470nm) and red
(~630nm) is much lower. The human eye also is blind to
infrared (> 700nm) and ultraviolet (< 400nm) radiation.
Light sources can have similar visible brightness (lux), but
different IR radiation content (because the human eye is
blind to it). The differences in the light spectra affect bright-
ness measurement because some of this infrared radiation
is picked up by silicon photodiodes. For example, light
sources with high IR content, such as an incandescent
bulb or sunlight, would suggest a much brighter environ-
ment than our eyes would perceive them to be. Other light
sources, such as fluorescent and LED-based systems,
have very little infrared content. The IC exhibits good IR
rejection and internal IR compensation scheme to minimize
these effects and give an accurate lux response.
Figure 1. Spectral Sensitivity of the MAX9635 and Human Eye
WAVELENGTH (nm)
CIE
900
800
700
600
500
400
20
40
60
80
100
120
0
300
1000
MAX9635 RESPONSE


Similar Part No. - MAX9635_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9635EDT++ MAXIM-MAX9635EDT+ Datasheet
219Kb / 1P
   Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Rev 0; 8/10
MAX9635EVKIT MAXIM-MAX9635EVKIT Datasheet
832Kb / 10P
   MAX9635 Evaluation Kit
Rev 0; 9/10
More results

Similar Description - MAX9635_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44009 MAXIM-MAX44009 Datasheet
2Mb / 20P
   Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Rev 0; 1/11
MAX9635 MAXIM-MAX9635 Datasheet
219Kb / 1P
   Industry?셲 Lowest-Power Ambient Light Sensor with ADC
Rev 0; 8/10
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com