Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11047ETN+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11047ETN+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11047ETN+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11047ETN+ Datasheet HTML 7Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 8Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 9Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 10Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 11Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 12Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 13Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 14Page - Maxim Integrated Products MAX11047ETN+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
______________________________________________________________________________________
11
Pin Description (continued)
PIN
MAX11047
(TQFN-EP)
MAX11048
(TQFN-EP)
MAX11049
(TQFN-EP)
NAME
FUNCTION
37
34
32
CH2
Channel 2 Analog Input
39
37
34
CH3
Channel 3 Analog Input
39
37
CH4
Channel 4 Analog Input
42
39
CH5
Channel 5 Analog Input
42
CH6
Channel 6 Analog Input
45
CH7
Channel 7 Analog Input
52
52
52
WR
Active-Low Write Input. Drive WR low to write to the ADC. Configuration
registers are loaded on the rising edge of WR.
53
53
53
CS
Active Low-Chip Select Input. Drive CS low when reading from or writing to
the ADC.
54
54
54
RD
Active-Low Read Input. Drive RD low to read from the ADC. Each rising edge
of RD advances the channel output on the data bus.
55
55
55
DB15
16-Bit Parallel Data Bus Digital Output Bit 15
56
56
56
DB14
16-Bit Parallel Data Bus Digital Output Bit 14
———
EP
Exposed Pad. Internally connected to AGND. Connect to a large ground
plane to maximize thermal performance. Not intended as an electrical
connection point.
PIN
MAX11047
(TQFP-EP)
MAX11048
(TQFP-EP)
MAX11049
(TQFP-EP)
NAME
FUNCTION
1
1
1
DB14
16-Bit Parallel Data Bus Digital Output Bit 14
2
2
2
DB13
16-Bit Parallel Data Bus Digital Output Bit 13
3
3
3
DB12
16-Bit Parallel Data Bus Digital Output Bit 12
4
4
4
DB11
16-Bit Parallel Data Bus Digital Output Bit 11
5
5
5
DB10
16-Bit Parallel Data Bus Digital Output Bit 10
6
6
6
DB9
16-Bit Parallel Data Bus Digital Output Bit 9
7
7
7
DB8
16-Bit Parallel Data Bus Digital Output Bit 8
8, 22, 59
8, 22, 59
8, 22, 59
DGND
Digital Ground
9, 21, 60
9, 21, 60
9, 21, 60
DVDD
Digital Supply. Bypass to DGND with a 0.µF capacitor at each DVDD input.
10
10
10
DB7
16-Bit Parallel Data Bus Digital Output Bit 7
11
11
11
DB6
16-Bit Parallel Data Bus Digital Output Bit 6
12
12
12
DB5
16-Bit Parallel Data Bus Digital Output Bit 5
13
13
13
DB4
16-Bit Parallel Data Bus Digital Output Bit 4
14
14
14
DB3/CR3
16-Bit Parallel Data Bus Digital Output Bit 3/Configuration Register Input Bit 3
15
15
15
DB2/CR2
16-Bit Parallel Data Bus Digital Output Bit 2/Configuration Register Input Bit 2
16
16
16
DB1/CR1
16-Bit Parallel Data Bus Digital Output Bit 1/Configuration Register Input Bit 1
17
17
17
DB0/CR0
16-Bit Parallel Data Bus Digital Output Bit 0/Configuration Register Input Bit 0


Similar Part No. - MAX11047ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047ETN++ MAXIM-MAX11047ETN+ Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
More results

Similar Description - MAX11047ETN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com