Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11049ECB+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11049ECB+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11049ECB+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11049ECB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11049ECB+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
_______________________________________________________________________________________
7
GAIN ERROR AND GAIN ERROR
MATCHING vs. TEMPERATURE
TEMPERATURE (°C)
-0.006
-0.002
0.002
GAIN ERROR MATCHING
0.006
0.010
fSAMPLE = 250ksps
VAVDD = 5.0V
VREFIO = 4.096V
-0.010
GAIN ERROR
60
35
10
-15
-40
85
FFT PLOT FOR MAX1104_
FREQUENCY (kHz)
100
75
50
25
-120
-100
-80
-60
-40
-20
0
-140
0125
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VAVDD = 5.0V
TWO-TONE IMD PLOT FOR MAX1104_
FREQUENCY (kHz)
11.6
10.8
10.0
9.2
8.4
7.6
12.4
-120
-100
-80
-60
-40
-20
0
-140
fIN1 = 9834Hz
fIN2 = 10384Hz
fSAMPLE = 250ksps
TA = +25°C
VAVDD = 5.0V
VRDC = 4.096V
VIN = -0.01dBFS
SIGNAL-TO-NOISE RATIO (SNR) AND
SIGNAL-TO-NOISE AND DISTORTION RATIO
(SINAD) vs. TEMPERATURE FOR MAX1104_
TEMPERATURE (°C)
60
35
10
-15
91.5
92.0
92.5
93.0
91.0
-40
85
VAVDD = 5.0V
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS
SNR
SINAD
INTERNAL REFERENCE VOLTAGES
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
4.084
4.088
4.092
4.096
4.104
4.100
4.108
4.112
4.080
-40
85
VAVDD = 5.0V
UPPER TYPICAL LIMIT
LOWER TYPICAL LIMIT
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. SUPPLY VOLTAGE
VAVDD (V)
-0.006
-0.002
0.002
0.006
0.010
-0.010
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
5.15
5.05
4.85
4.95
4.75
5.25
OFFSET ERROR MATCHING
OFFSET ERROR
Typical Operating Characteristics (continued)
(VAVDD = 5V, VDVDD = 3.3V, TA = +25°C, fSAMPLE = 250ksps, internal reference, unless otherwise noted.)
OFFSET ERROR AND OFFSET ERROR
MATCHING vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-0.006
-0.002
0.002
OFFSET ERROR MATCHING
0.006
0.010
fSAMPLE = 250ksps
VAVDD = 5.0V
VREFIO = 4.096V
-0.010
-40
85
OFFSET ERROR
GAIN ERROR AND GAIN ERROR
MATCHING vs. SUPPLY VOLTAGE
VAVDD (V)
5.15
5.05
4.95
4.85
-0.006
-0.002
0.002
GAIN ERROR MATCHING
0.006
0.010
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
-0.010
4.75
5.25
GAIN ERROR
TOTAL HARMONIC DISTORTION (THD)
vs. TEMPERATURE FOR MAX1104_
TEMPERATURE (°C)
60
35
10
-15
-109.5
-109.0
-108.5
-108.0
-110.0
-40
85
VAVDD = 5.0V
fIN = 10kHz
fSAMPLE = 250ksps
TA = +25°C
VRDC = 4.096V
VIN = -0.025dB FROM FS


Similar Part No. - MAX11049ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11049ETN++ MAXIM-MAX11049ETN+ Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
More results

Similar Description - MAX11049ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com