Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19997A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19997A
Description  Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19997A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19997A_11 Datasheet HTML 1Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 2Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 3Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 4Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 5Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 6Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 7Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 8Page - Maxim Integrated Products MAX19997A_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Dual, SiGe High-Linearity, 1800MHz to 2900MHz
Downconversion Mixer with LO Buffer
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC
fRF = 2400MHz to 2900MHz,
TC = +25°C (Notes 8, 9, 10)
8.1
8.7
9.3
dB
fRF = 2305MHz to 2360MHz
0.2
fRF = 2500MHz to 2570MHz
0.15
fRF = 2570MHz to 2620MHz
0.2
fRF = 2500MHz to 2690MHz
0.25
Conversion Gain Flatness
fRF = 2700MHz to 2900MHz
0.25
dB
Gain Variation Over Temperature
TCCG
fRF = 2300MHz to 2900MHz, TC = -40°C to
+85°C
-0.01
dB/°C
Input Compression Point
IP1dB
(Notes 6, 8, 11)
9.6
11.3
dBm
fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone
(Notes 8, 9)
21.6
23
dBm
Third-Order Input Intercept Point
IIP3
fRF = 2600MHz, fRF1 - fRF2 = 1MHz,
PRF = -5dBm per tone, TC = +25°C
(Notes 8, 9)
22
23.8
dBm
Third-Order Input Intercept Point
Variation Over Temperature
fRF1 - fRF2 = 1MHz, TC = -40°C to +85°C
±0.3
dBm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF-to-IF Isolation
25
dB
LO Leakage at RF Port
(Notes 8, 9)
-28
dBm
2LO Leakage at RF Port
-33
dBm
LO Leakage at IF Port
-18.5
dBm
Channel Isolation
RFMAIN (RFDIV) converted power
measured at IFDIV (IFMAIN) relative to
IFMAIN (IFDIV), all unused ports terminated
to 50
Ω
38.5
43
dB
+5.0V SUPPLY, HIGH-SIDE LO INJECTION AC ELECTRICAL CHARACTERISTICS
(continued)
(
Typical Application Circuit optimized for the standard RF band (see Table 1),VCC = +4.75V to +5.25V, RF and LO ports are driven
from 50
Ω sources, PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 2300MHz to 2900MHz, fLO = 2650MHz to 3250MHz, fIF = 350MHz,
fRF < fLO, TC = -40°C to +85°C. Typical values are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 2600MHz, fLO = 2950MHz,
fIF = 350MHz, TC = +25°C, unless otherwise noted.) (Note 7)
+5.0V SUPPLY, LOW-SIDE LO INJECTION AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit optimized for the standard RF band (see Table 1), VCC = +4.75V to +5.25V, RF and LO ports are driven
from 50Ω sources, PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 2300MHz to 2900MHz, fLO = 1950MHz to 2550MHz, fIF = 350MHz,
fRF > fLO, TC = -40°C to +85°C. Typical values are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 2600MHz, fLO = 2250MHz,
fIF = 350MHz, TC = +25°C, unless otherwise noted.) (Note 7)


Similar Part No. - MAX19997A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
More results

Similar Description - MAX19997A_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com