Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11057ECB+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11057ECB+
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11057ECB+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11057ECB+ Datasheet HTML 1Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 2Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11057ECB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX11047/MAX11048/MAX11049 and MAX11057/
MAX11058/MAX11059 16-bit/14-bit ADCs offer 4, 6, or 8
independent input channels. Featuring independent track
and hold (T/H) and SAR circuitry, these parts provide
simultaneous sampling at 250ksps for each channel.
The devices accept a 0 to +5V input. All inputs are
overrange protected with internal ±20mA input clamps
providing overrange protection with a simple external
resistor. Other features include a 4MHz T/H input band-
width, internal clock, and internal or external reference.
A 20MHz, bidirectional, parallel interface provides the
conversion results and accepts digital configuration
inputs.
The devices operate with a 4.75V to 5.25V analog supply
and a separate flexible 2.7V to 5.25V digital supply for
interfacing with the host without a level shifter. The
MAX11047/MAX11048/MAX11049 are available in a 56-pin
TQFN and 64-pin TQFP packages while the MAX11057/
MAX11058/MAX11059 are available in TQFP only. All
devices operate over the extended -40°C to +85°C tem-
perature range.
Applications
Automatic Test Equipment
Power-Factor Monitoring and Correction
Power-Grid Protection
Multiphase Motor Control
Vibration and Waveform Analysis
Features
o 16-Bit ADC (MAX11047/MAX11048/MAX11049)
o 14-Bit ADC (MAX11057/MAX11058/MAX11059)
o 8-Channel ADC (MAX11047/MAX11057)
o 6-Channel ADC (MAX11048/MAX11058)
o 4-Channel ADC (MAX11049/MAX11059)
o Single Analog and Digital Supply
o High-Impedance Inputs Up to 1GΩ
o On-Chip T/H Circuit for Each Channel
o Fast 3µs Conversion Time
o High Throughput: 250ksps for Each Channel
o 16-/14-Bit, High-Speed, Parallel Interface
o Internal Clocked Conversions
o 10ns Aperture Delay
o 100ps Channel-to-Channel T/H Matching
o Low Drift, Accurate 4.096V Internal Reference
Providing an Input Range of 0 to 5V
o External Reference Range of 3.0V to 4.25V,
Allowing Full-Scale Input Ranges of +3.7V to
+5.2V
o 56-Pin TQFN (8mm x 8mm) and 64-Pin TQFP
(10mm x 10mm) Packages
o Evaluation Kit Available (MAX11046EVKIT+)
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-5106; Rev 2; 1/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
PIN-PACKAGE
CHANNELS
MAX11047ETN+
56 TQFN-EP*
4
MAX11047ECB+
64 TQFP-EP*
4
MAX11048ETN+
56 TQFN-EP*
6
MAX11048ECB+
64 TQFP-EP*
6
MAX11049ETN+
56 TQFN-EP*
8
MAX11049ECB+
64 TQFP-EP*
8
MAX11057ECB+
64 TQFP-EP*
4
MAX11058ECB+
64 TQFP-EP*
6
MAX11059ECB+
64 TQFP-EP*
8
Note: All devices are specified over the -40°C to +85°C operating
temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
Functional Diagram
CLAMP
S/H
16-/14-BIT ADCs
CLAMP
S/H
16-/14-BIT ADCs
REF
BUF
CONFIGURATION
REGISTERS
INTERFACE
AND
CONTROL
BANDGAP
REFERENCE
CH0
AVDD
AGNDS
AGND
CH7
DB15**
DB0/CR0
DB3/CR3
DB4
EOCb
SHDN
CONVST
CSb
RDb
WRb
DGND
DVDD
RDC
RDC_SENSE*
REFIO
INT REF
10k
EXT REF
*CONNECTED INTERNALLY ON THE TQFN PARTS
**MAX11047/MAX11048/MAX11049
MAX11049/MAX11059
MAX11047/MAX11048/MAX11049/
MAX11057/MAX11058/MAX11059


Similar Part No. - MAX11057ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11054 MAXIM-MAX11054 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11054ECB++ MAXIM-MAX11054ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11054ECB++ MAXIM-MAX11054ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11055 MAXIM-MAX11055 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11055ECB++ MAXIM-MAX11055ECB+ Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11057ECB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com