Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5550 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5550
Description  High-Speed Switching Application for Inverter Lighting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5550 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5550_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5550_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5550_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5550_04 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5550_04 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5550
2004-07-26
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 320 V, IE = 0
100
µA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
100
µA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IE = 0
400
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
400
V
hFE (1)
VCE = 5 V, IC = 1 mA
13
DC current gain
hFE (2)
VCE = 5 V, IC = 0.04 A
20
65
Collector-emitter saturation voltage
VCE (sat)
IC = 0.2 A, IB = 25 mA
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.2 A, IB = 25 mA
1.3
V
Rise time
tr
0.5
Storage time
tstg
5.0
Switching time
Fall time
tf
IB1 = 0.03 A, IB2 = −0.06 A,
Duty cycle ≤ 1%
0.3
µs
Marking
20 µs
VCC ≈ 200 V
IB2
IB1
Input
IC
Output
C5550
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


Similar Part No. - 2SC5550_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5550 TOSHIBA-2SC5550 Datasheet
176Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATION FOR INVERTER LIGHTING SYSTEM)
More results

Similar Description - 2SC5550_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5549 TOSHIBA-2SC5549_04 Datasheet
150Kb / 5P
   High-Speed Switching Application for Inverter Lighting
2SC5550 TOSHIBA-2SC5550 Datasheet
176Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATION FOR INVERTER LIGHTING SYSTEM)
2SC5549 TOSHIBA-2SC5549 Datasheet
172Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATIONS FOR INVERTER LIGHTING SYSTEM)
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com