Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS6511N Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS6511N
Description  Direct Interface with PIR Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6511N Datasheet(HTML) 2 Page - LSI Computer Systems

  LS6511N Datasheet HTML 1Page - LSI Computer Systems LS6511N Datasheet HTML 2Page - LSI Computer Systems LS6511N Datasheet HTML 3Page - LSI Computer Systems LS6511N Datasheet HTML 4Page - LSI Computer Systems LS6511N Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6511N-072009-2
1
2
3
4
6
7
8
9
10
11
12
13
14
DIFF. AMP. 2 INPUT (-)
DIFF. AMP. 2 OUTPUT
CP MODE / DP MODE RC
DIGITAL FILTER RC
VDD (+V)
DIFF. AMP 1 INPUT (-)
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
MODE SELECT
DURATION TIMER RC
LED / RELAY OUTPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1A
DIFF. AMP. 1 OUTPUT
VSS (- V)
LED / RELAY OUTPUT
5
1
2
3
4
5
6
7
10
11
12
13
14
15
16
DIFF. AMP. 2 INPUT (-)
DIFF. AMP. 2 OUTPUT
CP MODE / DP MODE RC
DIGITAL FILTER RC
VDD (+V)
DIFF. AMP 1 INPUT (-)
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
MODE SELECT
DURATION TIMER RC
PIN ASSIGNMENT - TOP VIEW
FIGURE 1B
DIFF. AMP. 1 OUTPUT
V SS (- V)
LED / RELAY OUTPUT
ENABLE
8
9
LED / RELAY OUTPUT
SEL UDV INPUT
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.


Similar Part No. - LS6511N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
   PIR SENSOR INTERFACE
More results

Similar Description - LS6511N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
   PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
   PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
   PIR SENSOR INTERFACE
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
   PIR SENSOR INTERFACE
LS6501LP LSI-LS6501LP_08 Datasheet
420Kb / 8P
   PIR SENSOR INTERFACE
logo
Synaptics Incorporated.
CX93610 CONEXANT-CX93610 Datasheet
732Kb / 2P
   PIR Sensor with Video
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
   SENSOR PIR
logo
LSI Computer Systems
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
   BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com