Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0554S Datasheet(PDF) 4 Page - Semtech Corporation

Part # RCLAMP0554S
Description  Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0554S Datasheet(HTML) 4 Page - Semtech Corporation

  RCLAMP0554S Datasheet HTML 1Page - Semtech Corporation RCLAMP0554S Datasheet HTML 2Page - Semtech Corporation RCLAMP0554S Datasheet HTML 3Page - Semtech Corporation RCLAMP0554S Datasheet HTML 4Page - Semtech Corporation RCLAMP0554S Datasheet HTML 5Page - Semtech Corporation RCLAMP0554S Datasheet HTML 6Page - Semtech Corporation RCLAMP0554S Datasheet HTML 7Page - Semtech Corporation RCLAMP0554S Datasheet HTML 8Page - Semtech Corporation RCLAMP0554S Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
© 2009 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0554S
Insertion Loss S21 - Any I/O to GND
Applications Information
1 2
3
4
5
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -1.0964 dB
800 MHz
2: -1.2545 dB
900 MHz
3: -6.7229 dB
1.8 GHz
4: -16.4457 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
-42 dB
-48 dB
Insertion Loss S21 - I/O to I/O
1 2
3
4
5
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -0.47220 dB
800 MHz
2: -0.5278 dB
900 MHz
3: -2.6811 dB
1.8 GHz
4: -9.2328 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
-42 dB
-48 dB
ESD Clamping - Between any I/O and GND
(-8kV Contact per IEC 61000-4-2)
Note: Data is taken with a 10x attenuator
ESD Clamping - Between any I/O and GND
(+8kV Contact per IEC 61000-4-2)
Note: Data is taken with a 10x attenuator


Similar Part No. - RCLAMP0554S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
RCLAMP0554S LEIDITECH-RCLAMP0554S Datasheet
1Mb / 8P
   LOW CAPACITA NCE TVS DIODE ARRAY
Rev : 01.06.2018
More results

Similar Description - RCLAMP0554S

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com