Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC662ULTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC662ULTRT
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662ULTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC662ULTRT Datasheet HTML 2Page - Semtech Corporation SC662ULTRT Datasheet HTML 3Page - Semtech Corporation SC662ULTRT Datasheet HTML 4Page - Semtech Corporation SC662ULTRT Datasheet HTML 5Page - Semtech Corporation SC662ULTRT Datasheet HTML 6Page - Semtech Corporation SC662ULTRT Datasheet HTML 7Page - Semtech Corporation SC662ULTRT Datasheet HTML 8Page - Semtech Corporation SC662ULTRT Datasheet HTML 9Page - Semtech Corporation SC662ULTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SC662
6
Typical Characteristics
fPUMP = 1MHz, VOUT = 3.42V, CIN = COUT = C1 = C2 = 0.47µF (0402), TA = 25°C
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Backlight
Charge Pump
Charge Pump Efficiency (6 LEDs) — 12mA Each
fPUMP = 1MHz, VOUT = 3.56V, CIN = COUT = C1 = C2 = 0.47µF (0402), TA = 25°C
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Charge Pump
Backlight
Charge Pump Efficiency (6 LEDs) — 25mA Each
fPUMP = 1MHz, VOUT (see note), CIN = COUT = C1 = C2 = 0.47µF (0402), TA = 25°C
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Charge Pump
Backlight
Charge Pump Efficiency (6 LEDs) — 5mA Each
fPUMP = 250kHz, VOUT = 3.55V, CIN = COUT = C1 = C2 = 1.0µF (0402), TA = 25°C
Backlight
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Charge Pump
Charge Pump Efficiency (6 LEDs) — 25mA Each
fPUMP = 250kHz, VOUT = 3.41V, CIN = COUT = C1 = C2 = 1.0µF (0402), TA = 25°C
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Backlight
Charge Pump
Charge Pump Efficiency (6 LEDs) — 12mA Each
VIN (V)
50
60
70
80
90
100
2.7
3
3.3
3.6
3.9
4.2
Charge Pump
Backlight
fPUMP = 250kHz, VOUT (see note), CIN = COUT = C1 = C2 = 1.0µF (0402), TA = 25°C
Charge Pump Efficiency (6 LEDs) — 5mA Each
Notes:
(1) Efficiency labels “Charge Pump” and “Backlight” are defined on page 13 under the sub-heading Charge Pump Efficiency.
(2) Plots shown for 5mA data have — V
OUT = 3.27V when in 1.5X and 2X modes, and VOUT = VIN - 55mV when in 1X mode. VOUT is
connected internally to V
IN only when the charge pump is in 1X mode and IBL ≤ 5mA.
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)


Similar Part No. - SC662ULTRT

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
More results

Similar Description - SC662ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC658 SEMTECH-SC658 Datasheet
544Kb / 22P
   Backlight Driver for 4 LEDs with SemPulseTM Interface
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
   Backlight Driver for 5 LEDs with SemPulseTM Interface
logo
ams AG
AS3490 AMSCO-AS3490 Datasheet
3Mb / 19P
   Highly Efficient 2-6 LEDs Backlight Driver with PWM Input
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
   6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
January 2017 Rev 2
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
logo
ON Semiconductor
PM6600 ONSEMI-PM6600 Datasheet
768Kb / 43P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
January 2008 Rev 2
logo
STMicroelectronics
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
   6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
logo
Semtech Corporation
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
   Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC654 SEMTECH-SC654 Datasheet
270Kb / 22P
   Light Management Unit for 6 LEDs with SemPulseTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com