Electronic Components Datasheet Search |
|
ISL32492EIBZ Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL32492EIBZ Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 21 page ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E 3 FN7786.0 January 18, 2011 Truth Tables TRANSMITTING INPUTS OUTPUTS RE DE DI Z Y X 1101 X 1010 0 0 X High-Z High-Z 10 X High-Z (see Note) High-Z (see Note) NOTE: Low Power Shutdown Mode (see Note 11 on page 9). RECEIVING INPUTS OUTPUT RE DE Half Duplex DE Full Duplex A-B RO 00 X ≥ -0.01V 1 00 X ≤ -0.2V 0 00 X Inputs Open/Shorted 1 10 0 X High-Z (see Note) 11 1 X High-Z NOTE: Low Power Shutdown Mode (see Note 11 on page 9). Pin Descriptions PIN NAME 8 LD PIN # 14 LD PIN # FUNCTION RO 1 2 Receiver output. If A-B ≥ -10mV, RO is high; if A-B ≤ -200mV, RO is low; RO = High if A and B are unconnected (floating), shorted together, or connected to an undriven, terminated bus. RE 2 3 Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. Internally pulled low. DE 3 4 Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is low. Internally pulled high. DI 4 5 Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low. GND 5 6, 7 Ground connection. A/Y 6 - ±60V Fault and ±16.5kV HBM ESD Protected RS-485/RS-422 level, non-inverting receiver input and non-inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1. B/Z 7 - ±60V Fault and ±16.5kV HBM ESD Protected RS-485/RS-422 level, inverting receiver input and inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1. A - 12 ±60V Fault and ±15kV HBM ESD Protected RS-485/RS-422 level, non-inverting receiver input. B - 11 ±60V Fault and ±15kV HBM ESD Protected RS-485/RS-422 level, inverting receiver input. Y - 9 ±60V Fault and ±15kV HBM ESD Protected RS-485/RS-422 level, non-inverting driver output. Z - 10 ±60V Fault and ±15kV HBM ESD Protected RS-485/RS-422 level, inverting driver output. VCC 8 13, 14 System power supply input (4.5V to 5.5V). NC - 1, 8 No internal connection. |
Similar Part No. - ISL32492EIBZ |
|
Similar Description - ISL32492EIBZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |