Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1242 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SX1242
Description  SX1242 - Low Cost Integrated Transmitter IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1242 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SX1242 Datasheet HTML 2Page - Semtech Corporation SX1242 Datasheet HTML 3Page - Semtech Corporation SX1242 Datasheet HTML 4Page - Semtech Corporation SX1242 Datasheet HTML 5Page - Semtech Corporation SX1242 Datasheet HTML 6Page - Semtech Corporation SX1242 Datasheet HTML 7Page - Semtech Corporation SX1242 Datasheet HTML 8Page - Semtech Corporation SX1242 Datasheet HTML 9Page - Semtech Corporation SX1242 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SX1242, Rev 1, November 2010
©2010 Semtech Corp.
SX1242
www.semtech.com
Page 6
Integrated Transmitter IC
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
2.4. Electrical Specifications
The table below gives the electrical specifications of the transmitter under the following conditions: Supply voltage = 3.3 V,
temperature = 25 °C, fXOSC = 26 MHz, fRF = 344.94 MHz, bit rate = 5 kbit/s and output power = +12 dBm terminated in a
matched 50 ohm impedance, unless otherwise specified.
Table 4
Transmitter Specifications
*
Logic “1” transmission indicated by transmission of carrier frequency at power level RFOP.
**
Ramp-up time of the internal regulator turning the PA on. The typical 10% - 90% power ramp-up time is 10us
Symbol
Description
Conditions
Min
Typ
Max
Unit
Current Consumption
IDDSL
Supply current in sleep mode
-
0.5
1
µA
IDDT
Supply current in transmit mode
with appropriate external match-
ing.
Logic “1” or “Mark” frequency trans-
mitted*
-22-
mA
RF and Baseband Specifications
BRO
Bit rate, OOK
Permissible range
0.5
-
10
kbps
OOK_B
OOK modulation depth
-
50
-
dB
RFOP
RF output power into 50 ohms
Optimized matching network
9
12
-
dBm
DRFOPV
Variation in RF output power with
supply voltage
2.5 V to 3.3 V
1.8 V to 3.7 V
-
-
-
-
3
7
dB
dB
PHN
Transmitter phase noise
100 kHz Offset from carrier
-
-
-76
dBc/Hz
FCN
Carrier frequency
-
344.94
-
MHz
FXOSC
Crystal Oscillator Frequency
26
26
26
MHz
DFXOSC
Frequency Variation of the Oscilla-
tor Circuit
No crystal contribution
-
-
+/-25
ppm
Timing Specifications
TS_TR
Time from Sleep to Tx mode
-
-
2
ms
RAMP
PA Ramp up and down time**
-
20
-
us


Similar Part No. - SX1242

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
SX1243IULTRT SEMTECH-SX1243IULTRT Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
More results

Similar Description - SX1242

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
RF68 ETC2-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
   Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
logo
Semtech Corporation
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
logo
HOPE Microelectronics C...
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com