Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1242ISETRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX1242ISETRT
Description  SX1242 - Low Cost Integrated Transmitter IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1242ISETRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX1242ISETRT Datasheet HTML 5Page - Semtech Corporation SX1242ISETRT Datasheet HTML 6Page - Semtech Corporation SX1242ISETRT Datasheet HTML 7Page - Semtech Corporation SX1242ISETRT Datasheet HTML 8Page - Semtech Corporation SX1242ISETRT Datasheet HTML 9Page - Semtech Corporation SX1242ISETRT Datasheet HTML 10Page - Semtech Corporation SX1242ISETRT Datasheet HTML 11Page - Semtech Corporation SX1242ISETRT Datasheet HTML 12Page - Semtech Corporation SX1242ISETRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SX1242, Rev 1, November 2010
©2010 Semtech Corp.
SX1242
www.semtech.com
Page 9
Integrated Transmitter IC
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
4. Application Information
4.1. Crystal Specification
The SX1242 is designed to operate with a low-cost 26 MHz crystal. The recommended crystal specification is tabulated
below in Table 6.
Table 6
SX1242 Quartz Crystal Reference Oscillator Specification
4.2. Reference Design Schematic
Figure 5. Application Module Schematic
Symbol
Description
Conditions
Min
Typ
Max
Unit
FXOSC
Crystal Frequency
26
26
26
MHz
LM
Crystal Motional Inductance
-
12.655
-
mH
CM
Crystal Motional Capacitance
-
2.962
-
fF
RS
Crystal Serial Resistance
-
20
100
Ohms
C0
Crystal Shunt Capacitance
-
1.0
7.0
pF
CL
Load Capacitance
-
15
-
pF
TX EN
DATA
VDD
NC
NC
NC
NC
GND
1
2
3
45
6
7
8
POD_INI
GND
DATA
RFOUT
XTAL
TX EN
VDD
GND
VDD
1
2
3
45
6
7
8
U1
SX1242
VDD
C10
C11
L1
C7
C6
C5
C3
C4
C8
L2
L3
C2
Q1
C12


Similar Part No. - SX1242ISETRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
SX1243IULTRT SEMTECH-SX1243IULTRT Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
More results

Similar Description - SX1242ISETRT

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
RF68 ETC2-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
   Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
logo
Semtech Corporation
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
logo
HOPE Microelectronics C...
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com