Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8120ISTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX8120ISTRT
Description  1 V motor/LED control timers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8120ISTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX8120ISTRT Datasheet HTML 3Page - Semtech Corporation SX8120ISTRT Datasheet HTML 4Page - Semtech Corporation SX8120ISTRT Datasheet HTML 5Page - Semtech Corporation SX8120ISTRT Datasheet HTML 6Page - Semtech Corporation SX8120ISTRT Datasheet HTML 7Page - Semtech Corporation SX8120ISTRT Datasheet HTML 8Page - Semtech Corporation SX8120ISTRT Datasheet HTML 9Page - Semtech Corporation SX8120ISTRT Datasheet HTML 10Page - Semtech Corporation SX8120ISTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.semtech.com/products/
Page 7
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8120/21
1V Motor/LED control timer
ACS - Revision 2.2
August 2010
© Semtech Corp.
TECHNICAL DESCRIPTION
4
System architecture
4.1
SX8120/21 architecture
The system is based on an integrated 5% precise counter. It starts and stops pulses based on the command of
a button and times-out after a selectable period of time.
The MOTOR output polarity is controlled by the POLARITY input. If POLARITY is connected the VDD that the
MOTOR will be active high, if POLARITY is connected the VSS, the MOTOR will be active low. MOTOR output is
usually followed by an NPN transistor to drive the motor, in this case it is active high.
In parallel with the motor there is a LED output that sends 3 us pulses at 43 kHz that can be used to drive a
white or green LED with an NPN transistor and a 40-200 uH coil.
Figure 2. SX8120/21 Architecture
SX8120/21
VDD
MOTOR
VSS
LED
TO
BUTTON
POLARITY
NIMH
1.4V
Pulse
(counter )
Start/Stop
+
debounce
Motor
polarity
Burst
43kHz
VDD


Similar Part No. - SX8120ISTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8120ISTRT SEMTECH-SX8120ISTRT Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
More results

Similar Description - SX8120ISTRT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72141K STMICROELECTRONICS-ST72141K Datasheet
1Mb / 132P
   8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
UM0723 STMICROELECTRONICS-UM0723 Datasheet
826Kb / 48P
   1 kW three-phase motor control demonstration board
logo
Eaton All Rights Reserv...
EASY500 EATON-EASY500 Datasheet
300Kb / 23P
   Control Relays and Timers EASY Intelligent Relays
August 2011
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
logo
STMicroelectronics
ST72141K2-AUTO STMICROELECTRONICS-ST72141K2-AUTO Datasheet
3Mb / 131P
   8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
logo
Freescale Semiconductor...
56F8300 FREESCALE-56F8300 Datasheet
563Kb / 16P
   3-Phase AC Induction Motor V/Hz Control
logo
Mitsubishi Electric Sem...
M51971L MITSUBISHI-M51971L Datasheet
387Kb / 13P
   MOTOR SPEED CONTROL
logo
Nell Semiconductor Co.,...
1000PT NELLSEMI-1000PT Datasheet
489Kb / 2P
   DC motor control
logo
Unisonic Technologies
AN8850 UTC-AN8850_15 Datasheet
160Kb / 5P
   MOTOR CONTROL CIRCUITS
logo
Littelfuse
MG12100W-XN2MM LITTELFUSE-MG12100W-XN2MM Datasheet
1Mb / 6P
   AC motor control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com