Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661I07AULTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8661I07AULTRT
Description  Low Power, Capacitive Button Touch and Proximity Controller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661I07AULTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8661I07AULTRT Datasheet HTML 7Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 8Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 9Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 10Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 11Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 12Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 13Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 14Page - Semtech Corporation SX8661I07AULTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
11
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
I2C Timing Specifications
(i)
SCL clock frequency
fSCL
400
KHz
SCL low period
tLOW
1.3
us
SCL high period
tHIGH
0.6
us
Data setup time
tSU;DAT
100
ns
Data hold time
tHD;DAT
0
ns
Repeated start setup time
tSU;STA
0.6
us
Start condition hold time
tHD;STA
0.6
us
Stop condition setup time
tSU;STO
0.6
us
Bus free time between stop and start
tBUF
500
us
Input glitch suppression
tSP
50
ns
Table 6
I2C Timing Specification
Notes:
(i) All timing specifications, Figure 4 and Figure 5, refer to voltage levels (VIL, VIH, VOL) defined in Table 5.
The interface complies with slave F/S mode as described by NXP: “I2C-bus specification, Rev. 03 - 19 June 2007”
Figure 4
I2C Start and Stop timing
Figure 5
I2C Data timing


Similar Part No. - SX8661I07AULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8661I07ZULTRT SEMTECH-SX8661I07ZULTRT Datasheet
1Mb / 87P
   Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
More results

Similar Description - SX8661I07AULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
   Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
   Proximity Capacitive Touch Sensor Controller
logo
Semtech Corporation
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
logo
Freescale Semiconductor...
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
   Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
   Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
   Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
   Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
   Proximity Capacitive Touch Sensor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com