Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2241 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD2241
Description  Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2241 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD2241 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2241 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2241 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2241 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD2241
2006-11-21
3
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
VBE (sat) – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
300
0.1
Common emitter
VCE = 2 V
500
1000
5000
10000
3000
0.3
0.5
1
3
5
10
25
−55
Tc = 100°C
Common emitter
IC/IB = 500
0.3
0.1
0.5
1
3
5
0.3
0.5
1
3
5
Tc = −55°C
25
100
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly with
increase in temperature.
0.03
0.3
0.05
0.1
0.3
0.5
1
3
5
10
1
3
10
30
100
IC max (pulsed)*
10 ms*
1 ms*
100 μs*
VCEO max
IC max (continuous)
100 ms*
0
0
IB = 200 μA
Common emitter
Tc = 25°C
300
250
1
2
3
4
5
1
2
3
4
5
6
350
400
450
500
Common emitter
VCE = 2 V
0
0
25
−55
Tc = 100°C
1
2
3
4
0.8
1.6
2.4
3.2
4.0
0.1
Common emitter
IC/IB = 500
0.5
1
3
5
10
0.3
0.5
1
3
5
Tc = −55°C
25
100


Similar Part No. - 2SD2241

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2241 TOSHIBA-2SD2241 Datasheet
160Kb / 3P
   NPN EPITAXIAL TYPE (SWITCHING APPLICATIONS)
logo
Savantic, Inc.
2SD2241 SAVANTIC-2SD2241 Datasheet
272Kb / 5P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2241 ISC-2SD2241 Datasheet
220Kb / 5P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2241 SAVANTIC-2SD2241 Datasheet
284Kb / 5P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD2241

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
   Switching Applications
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
   Switching Applications
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com