Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2414 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SD2414
Description  High Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2414 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SD2414 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2414 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2414 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2414 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2414 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD2414(SM)
2009-11-11
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SD2414(SM)
High Current Switching Applications
Power Amplifier Applications
• Low collector saturation voltage: VCE (sat) = 0.5 V (max) (at IC = 4 A)
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S2A
Weight: 1.4 g (typ.)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
7
A
Base current
IB
1
A
Ta = 25°C
1.5
Collector power
dissipation
Tc = 25°C
PC
40
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C


Similar Part No. - 2SD2414

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2414 TOSHIBA-2SD2414 Datasheet
171Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2414 TOSHIBA-2SD2414 Datasheet
122Kb / 5P
   High Current Switching Applications Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SD2414 KEXIN-2SD2414 Datasheet
42Kb / 2P
   Silicon NPN Triple Diffused Type
logo
Toshiba Semiconductor
2SD2414SM TOSHIBA-2SD2414SM Datasheet
122Kb / 5P
   High Current Switching Applications Power Amplifier Applications
More results

Similar Description - 2SD2414

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com