Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74793JM Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC74793JM
Description  VPS / PDC Slicer IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74793JM Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC74793JM Datasheet HTML 5Page - Sanyo Semicon Device LC74793JM Datasheet HTML 6Page - Sanyo Semicon Device LC74793JM Datasheet HTML 7Page - Sanyo Semicon Device LC74793JM Datasheet HTML 8Page - Sanyo Semicon Device LC74793JM Datasheet HTML 9Page - Sanyo Semicon Device LC74793JM Datasheet HTML 10Page - Sanyo Semicon Device LC74793JM Datasheet HTML 11Page - Sanyo Semicon Device LC74793JM Datasheet HTML 12Page - Sanyo Semicon Device LC74793JM Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
No. 5966-9/24
LC74793, 74793JM
Command 1 (VPS/PDC control command 1)
• First byte
DA 0 to 7
Register
Contents
Notes
Status
Function
7
1
First byte identification bit
6
1
Command 1 identification code.
5
1
VPS/PDC control settings 1.
4
1
3
0
2
0
1
0
0
1
• Second byte
Data acquisition clock selection.
The clock can be shifted relative to
the data in units of 8 clock cycles.
DA 0 to 7
Register
Contents
Notes
Status
Function
7
0
Second byte identification bit
6
CPA1
0
1
5
CPA2
0
1
4
CPA0
0
1
3
VPM3
0
1
2
VPM2
0
1
Slicer operating mode selection
1
VPM1
0
1
0
VPM0
0
1
CPA2
CPA1
CPA0
Clock
0
0
0
NO1
0
0
1
NO2
0
1
0
NO3
0
1
1
NO4
1
0
0
NO5
1
0
1
NO6
1
1
0
NO7
1
1
1
NO8
M3
M2
M1
MO
Operating mode
0
0
0
0
VPS
0
0
0
1
8/30/2 (PDC)
0
0
1
0
PDC and VPS automatic recognition 1
0
0
1
1
8/30/1 (UDT)
0
1
0
0
Header time 1
0
1
0
1
Header time 2
0
1
1
0
Header time 3
0
1
1
1
Header time 4
1
0
0
0
Status display 1
1
0
0
1
Status display 2
1
0
1
0
Status display 3
1
0
1
1
Status display 4
1
1
0
0
PAL PULSE
1
1
0
1
PDC and VPS automatic recognition 2
1
1
1
0
PDC and VPS automatic recognition 3
1
1
1
1
PDC and VPS automatic recognition 4
Note: All registers are cleared to 0 when the IC is reset by the RST pin.


Similar Part No. - LC74793JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74794M SANYO-LC74794M Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
More results

Similar Description - LC74793JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Siemens Semiconductor G...
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
NXP Semiconductors
SAA4700T PHILIPS-SAA4700T Datasheet
80Kb / 14P
   VPS dataline processor
March 1991
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
SAA4700 PHILIPS-SAA4700 Datasheet
65Kb / 12P
   VPS dataline processor
March 1991
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
   CMOS Data Slicer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com