Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ669 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ669
Description  Relay Drive, DC/DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ669 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ669 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ669 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ669
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U−MOS III)
2SJ669
Relay Drive, DC/DC Converter and Motor Drive
Applications
4-V gate drive
Low drain-source ON-resistance: RDS (ON) = 0.12 Ω (typ.)
High forward transfer admittance: |Yfs| = 5.0 S (typ.)
Low leakage current: IDSS = −100 μA (max) (VDS = −60 V)
Enhancement mode: Vth = −0.8 to −2.0 V
(VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
−60
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−60
V
Gate-source voltage
VGSS
±20
V
ID
ID
−5
A
Drain current
IDP
IDP
−20
A
Drain power dissipation
PD
1.2
W
Single-pulse avalanche energy
(Note 2)
EAS
40.5
mJ
Avalanche current
IAR
−5
A
Repetitive avalanche energy (Note 3)
EAR
0.12
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to ambient
Rth (ch−a)
104
°C / W
Note 1: The channel temperature should not exceed 150℃ during use.
Note 2: VDD = −25 V, Tch = 25°C (initial), L = 2.2 mH, RG = 25 Ω, IAR = −5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8M1B
Weight: 0.54 g (typ.)


Similar Part No. - 2SJ669

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ669 TOSHIBA-2SJ669 Datasheet
209Kb / 6P
   Silicon P-Channel MOS Type Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ669 TOSHIBA-2SJ669 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SJ669

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com