Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ680 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SJ680
Description  Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ680 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SJ680 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ680 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ680
2009-09-29
4
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
−80
−40
0
40
80
120
160
1
2
3
4
5
6
Common source
VGS = −10 V
pulse test
ID = −1.5 A
−1.2
−1.0
−0.1
0
−1
−10
0.2
0.4
0.6
0.8
1
Common source
Tc
= 25°C
pulse test
VGS = 0 V
−1
−3
−5
1
−0.1
−1
−10
−100
10
100
1000
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
0
−80
−40
0
40
80
120
160
1
2
3
4
5
Common source
VDS = 10 V
ID = 1 mA
pulse test
0
0
40
80
120
160
10
20
30
40
−4
0
0
4
8
12
16
20
−8
−12
−16
−40
−80
−120
−160
Common source
ID = −2.5 A
Tc
= 25°C
pulse test
VDS = −40 V
−80
−180
VGS
VDS


Similar Part No. - 2SJ680

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ680 TOSHIBA-2SJ680 Datasheet
219Kb / 5P
   Field Effect Transistor Silicon P-Channel MOS Type (?-MOS V)
2SJ680 TOSHIBA-2SJ680 Datasheet
189Kb / 6P
   Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SJ680 TOSHIBA-2SJ680 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ680 TOSHIBA-2SJ680_06 Datasheet
189Kb / 6P
   Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SJ680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
   Switching Applications
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
   Switching Applications
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com