Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2965 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK2965
Description  Switching Regulator, DC?묭C Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2965 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK2965_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2965_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2965_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2965_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2965_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2965_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK2965
2009-12-21
3
Drain
−source voltage VDS (V)
ID – VDS
Drain
−source voltage VDS (V)
ID – VDS
Gate
−source voltage VGS (V)
ID – VGS
Gate
−source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
16
0
0
4
8
12
20
1
2
4
3
5
VGS = 3.5 V
4.5
Common source
Tc
= 25°C
Pulse test
4
4.25
5
10
15
20
16
12
8
4
0
0
4
8
12
16
20
Common source
Tc
= 25°C
Pulse test
0
0
2
4
6
8
10
4
8
12
16
20
Common source
VDS = 10 V
Pulse test
Tc
= −55°C
100
25
6
5
4
2
1
0
0
4
8
12
16
20
Common source
Tc
= 25°C
Pulse test
ID = 11 A
5.5
2.5
0.01
0.1
1
10
100
0.1
1
Common source
Tc
= 25°C
Pulse test
VGS = 10, 15 V
1
1
10
100
10
100
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
25
100
15
VGS = 3.5 V
4
4.25
4.5
5
10
3


Similar Part No. - 2SK2965_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2965 TOSHIBA-2SK2965_06 Datasheet
213Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2965_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com