Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6D03 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC6D03
Description  High-Speed Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6D03 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC6D03 Datasheet HTML 1Page - Toshiba Semiconductor TPC6D03 Datasheet HTML 2Page - Toshiba Semiconductor TPC6D03 Datasheet HTML 3Page - Toshiba Semiconductor TPC6D03 Datasheet HTML 4Page - Toshiba Semiconductor TPC6D03 Datasheet HTML 5Page - Toshiba Semiconductor TPC6D03 Datasheet HTML 6Page - Toshiba Semiconductor TPC6D03 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC6D03
2004-09-02
5
Diode
Number of cycles
Surge forward current (non-repetitive)
Junction temperature Tj (°C)
IR – Tj
(typical)
Reverse voltage VR (V)
PR (AV) – VR
(typical)
f
= 50 Hz
Ta
= 25°C
8
6
4
2
0
10
1
100
0.01
0
50
100
150
0.1
1
100
10
Pulse measurement
(one cell)
VR = 3 V
5
10
15
20
30
0
0
10
20
30
0.2
0.4
0.6
0.8
1.0
1.2
α = 60°
120
180
240
300
DC
360°
Rectangular waveform
Conduction angle
α
Tj = 125°C
VR
α


Similar Part No. - TPC6D03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPC6.8 VISHAY-TPC6.8 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
TPC6.8 VISHAY-TPC6.8 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 10-May-11
TPC6.8A VISHAY-TPC6.8A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
TPC6.8A VISHAY-TPC6.8A Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 10-May-11
TPC6.8A VISHAY-TPC6.8A Datasheet
102Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPC6D03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com