Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6108 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC6108
Description  Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6108 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC6108 Datasheet HTML 1Page - Toshiba Semiconductor TPC6108 Datasheet HTML 2Page - Toshiba Semiconductor TPC6108 Datasheet HTML 3Page - Toshiba Semiconductor TPC6108 Datasheet HTML 4Page - Toshiba Semiconductor TPC6108 Datasheet HTML 5Page - Toshiba Semiconductor TPC6108 Datasheet HTML 6Page - Toshiba Semiconductor TPC6108 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC6108
2008-12-04
4
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
−2
−3
−4
−5
0
−4
−6
−8
−10
−2
0
−1
−4
−6
−8
−10
0
−0.4
−0.6
−0.8
−1.0
−0.2
0
−2
−100
0.1
1
−0.1
−1
−10
−100
10
0
−2
−3
−4
−5
−0.4
−0.6
−0.8
−1.0
0
−0.2
−2
−4
0
−5
−10
−15
0
−1
10
1000
−5
100
−1
−3
−10
−1
−0. 1
Common source
Ta
= 25°C
Pulse Test
VGS = −2.2V
−4
−3
−2.6
−2.4
−2.8
−10
−3.5
−4.5
Common source
Ta
= 25°C
Pulse Test
VGS = −2.2V
−4
−3
−2.6
−2.4
−2.8
−10
−3.5
−4.5
Ta
= −55°C
100
25
Common source
VDS = −10 V
Pulse Test
Common source
Ta
= 25°C
Pulse Test
ID = −4.5 A
−1.1
−2.2
100
Common source
VDS = −10 V
Pulse Test
Ta
= −55°C
25
100
Common source
Ta
= 25°C
Pulse Test
VGS = −4.5 V
−10
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
Gate-source voltage VGS
(V)
Gate-source voltage VGS
(V)
Drain current ID (A)
Drain current ID (A)


Similar Part No. - TPC6108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6108 TOSHIBA-TPC6108 Datasheet
62Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
logo
VBsemi Electronics Co.,...
TPC6108 VBSEMI-TPC6108 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPC6108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
   notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com