Selected language     English  ▼


K-200B3C Datasheet(PDF) 1 Page - Tyco Electronics

Part No. K-200B3C
Description  DC Electrically Held Units
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
KSeriesContactors
DC Electrically Held Units
Features
Physical
• Environmentally sealed
• Repairable
• 0.50 lbs. - 0.75 lbs.
Environmental
• Temperature range -55° to +85°C
• 25G shock
• 10G vibration
Power switching
• S.P.S.T. normally open
• 28 Volts
• 200-400A make/carry/break
• 1000-2000A inrush
• 2000-4000A maximum interrupt
Auxiliary switching**
• Up to 2 Form Z
• Up to 2 Form C
• 5 ampere 28 Vdc or 115 Vac
Coil voltage and power
• 28V/9.1W nominal
• Self economizing
** Other auxiliary arrangements or no auxiliary contacts
available
Part No.*
K-200A3C
K-200B3C
K-300A5C
K-300B5C
K-400A5C
K-400B5C
Voltage
28Vdc
28Vdc
28Vdc
28Vdc
28Vdc
28Vdc
Current Rating
200 Amps
200 Amps
300 Amps
300 Amps
400 Amps
400 Amps
Mounting
Chassis
Buss Bar
Chassis
Buss Bar
Chassis
Buss Bar
Typical Contactor Dimensions
Buss Bar Mount Version
Chassis Mount Version
Built to meet
or exceed the
requirements
of Mil-R-6106
K Series contactors are among the smallest, lightest 200-400amp contactors
currently available in the aerospace industry. They are designed for use in DC
power distribution systems for private, military and commercial aircraft; or
ground vehicle applications.
Buss Bar Mount Version
Chassis Mount Version
Note : Dimensions shown are for K-300 Series contactors. K-200 Series contactors are slightly smaller in size; K-400 Series contactors are slightly larger in size.
* Each have 2 Form Z auxiliary contacts and coil suppression
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl