Selected language     English  ▼


K-300B5C Datasheet(PDF) 2 Page - Tyco Electronics

Part No. K-300B5C
Description  DC Electrically Held Units
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
Typical Schematic Diagram
Notes
GeneralOperatingSpecifications
Physical Data
Environmental Data
Main Contacts Electrical Data
Auxiliary Contacts Electrical Data
Mechanical Data
Coil Data
Main contact arrangement
Form
Auxiliary contact arrangement
Weight
Shock, 11ms 1/2 sine (operating)
Vibration, sine 10-2000 Hz
Vibration, random 10-2000 Hz
Operating temperature range
Storage temperature range
Rated operating voltage
Load polarity (make, carry, break)
Continuous current carry
In-rush current
Maximum interrupt (50 times)
Electrical current switching life @ 28Vdc
Resistive load (make, carry, break)
Motor load (make, carry, break)
Inductive load (make, carry, break)
Maximum contact voltage drop @ rated amps (see note 2)
Insulation resistance @ 500 Vdc
Dielectric withstanding voltage @ sea level
(leakage less than 1.0 mA, 1 minute continuous)
Rated operating voltage
Load polarity (make, carry, break)
Continuous current carry
Low level (see note 1)
Operate time @ 18-32 Vdc
Dropout time @ 18-32 Vdc
Bounce @ 18-32 Vdc
Mechanical life @ 25% rated resistive load
Duty cycle
Maximum operate voltage
Nominal operate voltage
Maximum pickup voltage
Maximum dropout voltage (see note 3)
Coil current @ 32 Vdc and -55°C
Inrush (12 mS max)
Holding
Nominal coil resistance @ 22°C
Pickup
Holding
Nominal coil power
Coil transient suppression
Auxiliary contacts are gold plated. 1 mA
rating does not apply if contacts have
switched loads above 1 mA.
150 mV After Life test.
Dropout is 3.5 Vdc max when used as a
start contactor with the coil center tap
utilized.
1.
2.
3.
SPST-NO
X
Up to 2 Form Z or C
0.50 lbs - 0.75 lbs
25 Gpeak
10 Grms
5 Grms
-55 to +85°C
-55 to +125°C
32 Vdc maximum
Bi-directional
200 Amps/300 Amps/400 Amps
1000 Amps/1500 Amps/2000 Amps
2000 Amps/3000 Amps/4000 Amps
50K cycles minimum
50K cycles minimum
50K cycles minimum
0.125 Vdc
100 Milliohms
1800 Vrms
28 Vdc/115 Vac
Bi-directional
5 Amps
1 mA
35 Ms maximum
20 Ms maximum
4 Ms maximum
100K cycles
Continuous
32 Vdc
28 Vdc
16 Vdc
9 Vdc
5.5 Amps maximum
0.400 Amps maximum
5.5 ohms
86.5 ohms
9.1 watts
42 Vdc maximum
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
HARTMAN Aerospace Power Products




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl