Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603L Datasheet(PDF) 5 Page - Littelfuse

Part # 0603L
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0603L Datasheet(HTML) 5 Page - Littelfuse

  0603L_10 Datasheet HTML 1Page - Littelfuse 0603L_10 Datasheet HTML 2Page - Littelfuse 0603L_10 Datasheet HTML 3Page - Littelfuse 0603L_10 Datasheet HTML 4Page - Littelfuse 0603L_10 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
19
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
Surface Mount > 0603L Series
0603L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/0603L.html for current information.
TAPE SPECIFICATIONS: EIA-481-1 (mm)
REEL DIMENSIONS:
EIA-481-1 (mm)
0603L010
0603L020
0603L025
0603L035
W
8.0+/- 0.30
8.0+/- 0.30
H
12.0+/- 0.05
F
3.5+/- 0.05
3.5+/- 0.05
W
9.0+/- 0.5
E
1
1.75+/- 0.10
1.75+/- 0.10
D
Ø60+0.5
D
0
1.55+/- 0.05
1.55+/- 0.05
F
Ø13.0 +/- 0.2
D
1
0.5(min)
0.5 (min)
C
Ø178 +/- 1.0
P
0
4.0+/- 0.10
4.0+/- 0.10
H
1
11+/- 0.5
P
1
4.0+/- 0.10
4.0+/- 0.10
W
1
2.2+/- 0.5
P
2
2.0+/- 0.05
2.0+/- 0.05
W
2
3.0+0.5
A
0
1.10+/- 0.10
1.10+/- 0.10
W
3
4.0+0.5
B
0
1.92+/- 0.10
1.92+/- 0.10
W
4
5.5+0.5
T
0.20+/- 0.10
0.20+/- 0.10
K
0
0.72+/- 0.10
0.96+/- 0.10
Leader min.
390
390
Trailer min.
160
160
W4
W2
W3
W1
F
H1
W
C
D
H
D2
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1
Tape and Reel Specifications
Tape and Reel Diagram


Similar Part No. - 0603L_10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
0603L010YR LITTELFUSE-0603L010YR Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
logo
Frontier Electronics.
0603LS100 FRONTIER-0603LS100 Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
More results

Similar Description - 0603L_10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com