Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLJC2002G Datasheet(PDF) 2 Page - Littelfuse

Part # HLJC2002G
Description  Inline Holder for JCASE??Style Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HLJC2002G Datasheet(HTML) 2 Page - Littelfuse

  HLJC2002G Datasheet HTML 1Page - Littelfuse HLJC2002G Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Fuseholders
“A“
“B“
“C“
“D“
LEAD “A”
COLOR
LEAD “B”
COLOR
INSULATION TYPE
102.0
102.0
9.0
9.0
RED
RED
GXL
(STANDARD)
Inline Holder for JCASE™ Style Fuses
Ø5.5
25
40
25
18
0.8
50
21.3
102
102
13.5
LOW-PROFILE
FUSE OPTION
25
STANDARD JCASE
FUSE OPTION
2.5
18
5.5
12.8
Ø4
(STANDARD
MOUNTING HOLE
OPTION)
9
TYP.
MOUNTING BRACKET OPTION
Mounting bracket only included with XXXX1000 series.
Standard hole only included with XXXX2000 series.


Similar Part No. - HLJC2002G

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
HLJC2002G LINEAGEPOWER-HLJC2002G Datasheet
409Kb / 2P
   Inline Holder for JCASE??Style Fuses
logo
Littelfuse
HLJC2002G LITTELFUSE-HLJC2002G Datasheet
237Kb / 1P
   HLJC SERIES JCASE짰 FUSE HOLDER
Rev: 011020
HLJC2002G LITTELFUSE-HLJC2002G Datasheet
172Kb / 2P
   JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
More results

Similar Description - HLJC2002G

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
0FHJ1001G LINEAGEPOWER-0FHJ1001G Datasheet
409Kb / 2P
   Inline Holder for JCASE??Style Fuses
logo
Littelfuse
0FHJ1001 LITTELFUSE-0FHJ1001_15 Datasheet
1Mb / 2P
   INLINE FUSE HOLDER FOR JCASE STYLE FUSES (Std. & LP)
0FHA0001ZXJ LITTELFUSE-0FHA0001ZXJ Datasheet
586Kb / 1P
   INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
895 LITTELFUSE-895 Datasheet
172Kb / 1P
   Low Prroffiille JCASE Fuses
0FHJ3003U LITTELFUSE-0FHJ3003U_12 Datasheet
102Kb / 1P
   Low Profile JCASE Panel-Mount Fuse Holder
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
   INLINE SPLASHPROOF FUSE HOLDER
04980921GXM5 LITTELFUSE-04980921GXM5 Datasheet
836Kb / 2P
   INLINE MIDI FUSE HOLDER
02981028HXFCB LITTELFUSE-02981028HXFCB Datasheet
177Kb / 2P
   MEGA짰-FLEX Holder for MEGA짰 Fuses
01520001TXN LITTELFUSE-01520001TXN Datasheet
183Kb / 1P
   Fuse Holder for MAXI짰 Style Blade Fuse
153.1002 LITTELFUSE-153.1002 Datasheet
54Kb / 1P
   BF-Inline Fuses for rated voltage up to 32 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com