Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW4 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MW4
Description  Microwave Switching, Hermetically Sealed, DPDT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MW4 Datasheet(HTML) 7 Page - Tyco Electronics

  MW4 Datasheet HTML 1Page - Tyco Electronics MW4 Datasheet HTML 2Page - Tyco Electronics MW4 Datasheet HTML 3Page - Tyco Electronics MW4 Datasheet HTML 4Page - Tyco Electronics MW4 Datasheet HTML 5Page - Tyco Electronics MW4 Datasheet HTML 6Page - Tyco Electronics MW4 Datasheet HTML 7Page - Tyco Electronics MW4 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Catalog 1654542
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 12-03
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Microwave Switching, Hermetically Sealed, DPDT (Continued)
MW3 / MW4 / MW6 / MW3HP / MW4HP / MW6HP Series Relays
Enclosures
.385 (9.78)
MAX
.370 (9.40) SQ MAX
.280 (7.11)
MAX
.335 (8.51) SQ MAX
.335 (8.51) SQ MAX
.017
(0.43) DIA
+.002
-.001
.370 (9.40) SQ MAX
.017
(0.43) DIA
+.002
-.001
TERMINAL
P = .187
±.010 (4.75±.25)
A = .750 MIN (19.05)
B = 1.50 MIN (38.10)
Insertion Loss & VSWR: NO Contacts
Part Numbering System
Typical Part Number
MW6 S – 5 P
Series:
MW6 = 6 GHz. switching relay
MW6HP = High performance 6 GHz. switching relay
Coil Sensitivity:
Leave Blank = Standard Coil
S = Sensitive Coil
Coil Designator:
5 = 5VDC
6 = 6VDC†
9 = 9VDC†
12 = 12VDC
18 = 18VDC
26 = 26.5VDC
† 6 and 9 volt coil only available on high performance models.
Terminal Length:
A = 0.750 in (19.05 mm)
B = 1.50 in (38.105 mm) – only available on high performance models
P = 0.187 ± 0.010 in (4.75 ± 0.25 mm)
Header
.031
± .003 (0.79)
.035
± .010
(0.98)
.375 (9.53) SQ MAX
36
°+ 3°
.200 DIA
(5.08)
Wiring Diagram
Insertion Loss & VSWR: NC Contacts
Isolation
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.1
0.0
0.2
0.3
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
(dB)
VSWR
FREQUENCY (GHz)
1.0
2.0
3.0
4.0
5.0
6.0
0.5
0
1.5
2.5
3.5
4.5
5.5
INSERTION LOSS
VSWR
-50
-40
-30
-20
0
-10
(dB)
FREQUENCY (GHz)
1.0
2.0
3.0
4.0
5.0
6.0
0.5
0
1.5
2.5
3.5
4.5
5.5
ISOLATION
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.1
0.0
0.2
0.3
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
(dB)
VSWR
FREQUENCY (GHz)
1.0
2.0
3.0
4.0
5.0
6.0
0.5
0
1.5
2.5
3.5
4.5
5.5
INSERTION LOSS
VSWR
Test Conditions
Test Board: 0.031” double sided copper clad, PTFE based laminate.
Connections: Relay header is soldered to ground place. Relay terminals are soldered to through holes. SMA connectors are soldered to circuit traces.
Temperature: Room ambient.
Signal Strength: 0 dBm.
Notes: 1. Unused terminals were terminated with 50 ohm impedance load. 2. All readings are typical.
MW6 / MW6HP
MW6S / MW6HPS
Header and Terminal Finish:
Gold plated
Terminal View
MW6 & MW6HP Models
6 GHz. Switching


Similar Part No. - MW4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MW4012-760 ETC1-MW4012-760 Datasheet
79Kb / 1P
   Medical Grade - Single Output Regulated Power Supplies
MW4015-760 ETC1-MW4015-760 Datasheet
79Kb / 1P
   Medical Grade - Single Output Regulated Power Supplies
MW4018-760 ETC1-MW4018-760 Datasheet
79Kb / 1P
   Medical Grade - Single Output Regulated Power Supplies
MW4024-760 ETC1-MW4024-760 Datasheet
79Kb / 1P
   Medical Grade - Single Output Regulated Power Supplies
logo
Vaisala
MW41 VAISALA-MW41 Datasheet
678Kb / 2P
   Sounding System MW41
More results

Similar Description - MW4

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
SCS133MT SECOS-SCS133MT Datasheet
267Kb / 2P
   Hermetically Sealed Glass Switching Diode
SCS133MT SECOS-SCS133MT_15 Datasheet
267Kb / 2P
   Hermetically Sealed Glass Switching Diode
logo
Taiwan Semiconductor Co...
1SS133M TSC-1SS133M Datasheet
96Kb / 2P
   300mW Hermetically Sealed Glass Switching Diode
logo
Semtech Corporation
1N6638 SEMTECH-1N6638 Datasheet
136Kb / 4P
   Axial Leaded Hermetically Sealed Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
   Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
   Hermetically Sealed Glass Fast Switching Diodes
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
   Hermetically Sealed Glass Fast Switching Diodes
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
   Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com