Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT3S7LC4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # PT3S7LC4
Description  Relay package consisting of PT relay, DIN-rail socket, plastic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT3S7LC4 Datasheet(HTML) 3 Page - Tyco Electronics

  PT3S7LC4 Datasheet HTML 1Page - Tyco Electronics PT3S7LC4 Datasheet HTML 2Page - Tyco Electronics PT3S7LC4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Relay Package PT (Continued)
Product key
Socket
Retainer
Marking tag
Module
Relay
Coil
Part number
PT2S7LB2
PT78720
PT17016
PT17040
PTML0024
PT270012
12 VDC
7-1415074-1
PT2S7LC4
PT270024
24 VDC
8-1415074-1
PT2S7RC4
PTMV0524
PT270R24
24 VAC
5-1415074-1
PT2S7SB5
PTMV0615
PT270S15
115 VAC
2-1415366-1
PT2S7TD0
PTMV0730
PT270T30
230 VAC
6-1415074-1
PT3S7LB2
PT78730
PTML0024
PT370012
12 VDC
1-1415075-1
PT3S7LC4
PT370024
24 VDC
2-1415075-1
PT3S7RC4
PTMV0524
PT370R24
24 VAC
9-1415074-1
PT3S7SB5
PTMV0615
PT370S15
115 VAC
1-1415366-1
PT3S7TD0
PTMV0730
PT370T30
230 VAC
0-1415075-1
PT5S7LB2
PT78740
PTML0024
PT570012
12 VDC
9-1415075-1
PT5S7LC4
PT570024
24 VDC
0-1415076-1
PT5S7RC4
PTMV0524
PT570R24
24 VAC
7-1415075-1
PT5S7SB5
PTMV0615
PT570S15
115 VAC
0-1415366-1
PT5S7TD0
PTMV0730
PT570T30
230 VAC
8-1415075-1
PT5S8LB2
PTML0024
PT580012
12 VDC
5-1415075-1
PT5S8LC4
PT580024
24 VDC
6-1415075-1
PT5S8RC4
PTMV0524
PT580R24
24 VAC
3-1415075-1
PT5S8TD0
PTMV0730
PT580T30
230 VAC
4-1415075-1
PT2L7LB2
PT78722
PT17021
PTML0024
PT270012
12 VDC
8-1415534-7
PT2L7LC4
PT270024
24 VDC
8-1415534-9
PT2L7RC4
PTMV0524
PT270R24
24 VAC
9-1415534-0
PT2L7SB5
PTMV0615
PT270S15
115 VAC
9-1415534-2
PT2L7TD0
PTMV0730
PT270T30
230 VAC
9-1415534-4
PT5L7LB2
PT78742
PTML0024
PT570012
12 VDC
0-1415535-7
PT5L7LC4
PT570024
24 VDC
0-1415535-9
PT5L7RC4
PTMV0524
PT570R24
24 VAC
1-1415535-1
PT5L7SB5
PTMV0615
PT570S15
115 VAC
1-1415535-3
PT5L7TD0
PTMV0730
PT570T30
230 VAC
1-1415535-5
PT5L8LB2
PTML0024
PT580012
12 VDC
1-1415535-7
PT5L8LC4
PT580024
24 VDC
1-1415535-8
PT5L8RC4
PTMV0524
PT580R24
24 VAC
1-1415535-9
PT5L8TD0
PTMV0730
PT580T30
230 VAC
2-1415535-0
Product key
PT
Type
Version
2S Relay set: PT 2-pole CO contacts, red LED
3S Relay set: PT 3-pole CO contacts, red LED
5S Relay set: PT 4-pole CO contacts, red LED
2L Relay set: PT 2-pole CO contacts, red LED, with logical arrangement of control / load terminals
5L Relay set: PT 4-pole CO contacts, red LED, with logical arrangement of control / load terminals
Contact material
7
AgNi 90/10, with test button
8
AgNi 90/10 gold plated, with test button
Coil
LB2
12 VDC
LC4
24 VDC
RC4
24 VAC
SB5
115 VAC
TD0
230 VAC
Other types on request


Similar Part No. - PT3S7LC4

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
PT3S33-1024 ICHAUS-PT3S33-1024 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
More results

Similar Description - PT3S7LC4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT3S4LC4 MACOM-RT3S4LC4 Datasheet
252Kb / 3P
   Relay package consisting of RT relay, DIN-rail socket, plastic
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
Tyco Electronics
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
   Relay Package PT
2-1415075-1 MACOM-2-1415075-1 Datasheet
264Kb / 3P
   Relay Package PT
2-1415366-1 MACOM-2-1415366-1 Datasheet
264Kb / 3P
   Relay Package PT
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
   PLC relay, consisting of base terminal block PLCBSC
logo
Tyco Electronics
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
   DIN Rail Relay AC/DC Control
logo
Tyco Electronics
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com