Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT270615 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PT270615
Description  Miniature Relay PT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PT270615 Datasheet(HTML) 2 Page - Tyco Electronics

  PT270615 Datasheet HTML 1Page - Tyco Electronics PT270615 Datasheet HTML 2Page - Tyco Electronics PT270615 Datasheet HTML 3Page - Tyco Electronics PT270615 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Miniature Relay PT (Continued)
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...230 VAC
Coil power DC coil
0.75 mW
AC coil
1.0 VA
Operative range DC coil, AC-coil 50Hz
2
AC coil 60 Hz at 70°C, % of Urtd
90..110%
Coil versions, DC-coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
bipolar
VDC
VDC
VDC
Ohm
mW
006
L06
6
4.5
0.6
48+10%
750
012
L12
12
9.0
1.2
192+10%
750
024
L24
24
18.0
2.4
777+
+10%
741
048
L48
48
36.0
4.8
3072+10%
750
060
L60
60
45.0
6.0
4845+12%
743
110
M10
110
82.5
11.0
16133+15%
750
220
N20
220
165.0
22.0
64533+15%
750
All figures are given for coil without preenergization, at ambient temperature +23°C
Coil versions, AC-coil 50/60 Hz
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ohm
VA
506
R06
6
4.8/5.4
1.8
11+10%
1.0/0.85
512
R12
12
9.6/10.8
3.6
48+10%
1.0/0.85
524
R24
24
19.2/21.6
7.2
192+
+10%
1.0/0.79
548
R48
48
38.4/43.2
14.4
777+10%
1.0/0.87
560
R60
60
48.0/54.0
18.0
1306+10%
1.0/0.87
615
S15
115
92.0/103.5
34.5
4845+12%
1.0/0.86
730
T30
230
184.0/207.0
69.0
19465+
+15%
1.0/0.90
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
PT2
PT3
PT5
Dielectric strength coil-contact circuit
2500 Vrms
2500 Vrms
2500 Vrms
open contact circuit
1200 Vrms
1200 Vrms
1200 Vrms
adjacent contact circuits
2500 Vrms
2500 Vrms
2000 Vrms
Clearance / creepage coil-contact circuit
W 4/4 mm
W 4/4 mm
W 4/4 mm
adjacent contact circuits W 3.5/9.5 mm W 2.6/3.5 mm W 1.8/3.5 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
basic
basic
open contact circuit
functional
functional
functional
adjacent contact circuits
basic
basic
functional
Rated insulation voltage
250 V
250 V
250 V
Pollution degree
2
2
2
Rated voltage system
240/400 V
240 V
240 V
Overvoltage category
III
III
III
Other data
RoHS - Directive 2002/95/EC
compliant
Ambient temperature range
-40...+70°C
Operate- / release time
15/10 ms
Bounce time NO / NC contact
5 ms
Vibration resistance (function) NO / NC contact
7/4 g
Shock resistance (function) NO / NC contact
20/5 g
Category of protection
RTII- flux proof
Mounting distance
0 mm, dense packing
Resistance to soldering heat
270°C / 10s
Relay weight
30 g
Packaging unit
10/250 pcs
Accessories
For details see datasheet
Accessories Miniature Relay PT


Similar Part No. - PT270615

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT270615 MACOM-PT270615 Datasheet
387Kb / 4P
   Miniature Relay
More results

Similar Description - PT270615

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT380024 MACOM-PT380024 Datasheet
721Kb / 4P
   Miniature Relay PT
PT78702 MACOM-PT78702 Datasheet
658Kb / 4P
   Miniature Relay PT
2-1415529-1 MACOM-2-1415529-1 Datasheet
721Kb / 4P
   Miniature Relay PT
2-1415039-1 MACOM-2-1415039-1 Datasheet
721Kb / 4P
   Miniature Relay PT
2-1393154-0 MACOM-2-1393154-0 Datasheet
721Kb / 4P
   Miniature Relay PT
PT78722 MACOM-PT78722 Datasheet
265Kb / 5P
   Accessories Miniature Relay PT
PT7872P MACOM-PT7872P Datasheet
530Kb / 7P
   Accessories Miniature Relay PT
2-1415535-0 MACOM-2-1415535-0 Datasheet
264Kb / 3P
   Relay Package PT
2-1415075-1 MACOM-2-1415075-1 Datasheet
264Kb / 3P
   Relay Package PT
2-1415366-1 MACOM-2-1415366-1 Datasheet
264Kb / 3P
   Relay Package PT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com