Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT214524 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT214524
Description  Interface Power Relay RT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT214524 Datasheet(HTML) 3 Page - Tyco Electronics

  RT214524 Datasheet HTML 1Page - Tyco Electronics RT214524 Datasheet HTML 2Page - Tyco Electronics RT214524 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Interface Power Relay RT (Continued)
Product key
Version
Contacts
Cont. material
Coil
Coil
Part number
RT114024
1-pole, 12 A
1 CO contact
AgNi 90/10
DC-coil
24 VDC
1-1393239-3
RT114524
pinning 3.5 mm
AC-coil
24 VAC
1-1393239-7
RT114615
115 VAC
1-1393239-8
RT114730
230 VAC
1-1393239-9
RT214024
1-pole, 12 A
DC-coil
24 VDC
5-1393239-5
RT214524
pinning 5 mm
AC-coil
24 VAC
5-1393239-9
RT214615
115 VAC
6-1393239-0
RT214730
230 VAC
0-1419108-6
RT314024
1-pole, 16 A
DC-coil
24 VDC
9-1393239-8
RT314524
pinning 5 mm
AC-coil
24 VAC
0-1393240-4
RT314615
115 VAC
0-1393240-6
RT314730
230 VAC
0-1393240-7
RT424024
2-pole, 8 A
2 CO contacts
DC-coil
24 VDC
6-1393243-8
RT424524
pinning 5 mm
AC-coil
24 VAC
7-1393243-6
RT424615
115 VAC
7-1393243-8
RT424730
230 VAC
7-1393243-9
Product key
RT
4
Type
Version
1
1-pole, 12 A, pinning 3.5 mm
3
1-pole, 16 A, pinning 5 mm
2
1-pole, 12 A, pinning 5 mm
4
2-pole, 8 A, pinning 5 mm
Contact configuration
1
1 CO contact
2
2 CO contacts
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Wash tight version on request


Similar Part No. - RT214524

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT214524 MACOM-RT214524 Datasheet
261Kb / 3P
   Interface Power Relay
RT214524 MACOM-RT214524 Datasheet
267Kb / 3P
   Interface Power Relay RT
RT214524 MACOM-RT214524 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
More results

Similar Description - RT214524

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
   Interface Power Relay RT
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
2-1415074-1 MACOM-2-1415074-1 Datasheet
237Kb / 3P
   Relay Package RT
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
RT78724 MACOM-RT78724 Datasheet
212Kb / 3P
   Accessories Industrial Power Relay RT / RP / SR2M
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
RT114024 MACOM-RT114024 Datasheet
261Kb / 3P
   Interface Power Relay
RT3S4LC4 MACOM-RT3S4LC4 Datasheet
252Kb / 3P
   Relay package consisting of RT relay, DIN-rail socket, plastic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com