Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA120B Datasheet(PDF) 1 Page - Tyco Electronics

Part # SA120B
Description  HARTMAN Aerospace Power Products
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SA120B Datasheet(HTML) 1 Page - Tyco Electronics

  SA120B Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Relays
CONTACTOR CONFIGURATION
SA120B 3PDT, Side Stable, 60 Amps,
115/200 VAC, 400 Hz
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed
Main Contacts:
Configuration
3PDT Side Stable
Voltage Nominal
115/200 VAC, 400 Hz
Current Resistive
60 Amps
Inductive
60 Amps
Auxiliary Contacts:
Configuration
6 PDT
Voltage Nominal
28 VDC, 115 VAC, 400/60 Hz
Current Resistive
5 Amps
Inductive
3 Amps
Lamp
1 Amp
Low Level
10 Milliamperes at 28 VDC
Coil Data:
Duty Cycle
Continuous
Operating Voltage
28 VDC
Operating Voltage Maximum
32 VDC
Operating Voltage Minimum
18 VDC
Drop-Out Voltage
2 - 7 VDC
Hold Voltage
7 VDC
Coil Current Maximum
0.40 Amps at 20
°C, 28 VDC
Environmental Data:
Operating Temperature
-55
°C to +71°C
Altitude Maximum
50,000 Feet
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight Maximum
2.7 Lbs.
Features:
• 3PDT Side Stable Main Contacts
• 115/200 VAC, 400 Hz
• 60 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Similar Part No. - SA120B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA120 PANJIT-SA120 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA120 CHONGQING-SA120 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA120 FCI-SA120 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA120 TSC-SA120 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA120 WTE-SA120 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA120B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SA106E MACOM-SA106E Datasheet
53Kb / 1P
   HARTMAN Aerospace Power Products
SDH128 MACOM-SDH128 Datasheet
31Kb / 1P
   HARTMAN Aerospace Power Products
Q-50AC MACOM-Q-50AC Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
QR-50AF MACOM-QR-50AF Datasheet
58Kb / 1P
   HARTMAN Aerospace Power Products
QR-50DA MACOM-QR-50DA Datasheet
52Kb / 1P
   HARTMAN Aerospace Power Products .25 Amp, 115 VAC
A-1077B MACOM-A-1077B Datasheet
82Kb / 1P
   HARTMAN Aerospace Power Products SPDT, 230 Amps, 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com