Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR6ZA730 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SR6ZA730
Description  Safety Relay on DIN-rail SR6 Z
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6ZA730 Datasheet(HTML) 2 Page - Tyco Electronics

  SR6ZA730 Datasheet HTML 1Page - Tyco Electronics SR6ZA730 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Safety Relay on DIN-rail SR6 Z (Continued)
Product key
SR 6 Z
Type
Contact configuration
A
3 NO + 3 NC contacts
B
4 NO + 2 NC contacts
C
5 NO + 1 NC contacts
Coil
DC Coil code = rated coil voltage (e.g. 024=24VDC)
AC/DC coil code: 524=24VAC/VDC, 615=115VAC/VDC
AC coil code: 730=230VAC
Other types on request
Product key
Type
Contact configuration
Contact material
Coil
Part number
SR6ZA024
6-pole
3 NO + 3 NC
AgSnO2
24 VDC
7-1415033-1
SR6ZA524
safety
contacts
24 VAC/VDC
9-1415059-1
SR6ZA615
relay module
115 VAC/VDC
0-1415060-1
SR6ZA730
230 VAC
1-1415060-1
SR6ZB024
4 NO + 2 NC
24 VDC
5-1415033-1
SR6ZB524
contacts
24 VAC/VDC
2-1415060-1
SR6ZB615
115 VAC/VDC
6-1415046-1
SR6ZB730
230 VAC
3-1415060-1
SR6ZC024
5 NO + 1 NC
24 VDC
3-1415042-1
SR6ZC524
contacts
24 VAC/VDC
4-1415060-1
SR6ZC615
115 VAC/VDC
5-1415060-1
SR6ZC730
230 VAC
6-1415060-1
Dimensions
S0423-A
Fit onto mounting rails according to
DIN EN 50022 or DIN EN 50035
Module width 46 mm
Module length 87 mm
Other data
Flammability class according to UL 94
housing
V2
housing cage clamp terminals
V0
PCB
V0
relay base
V0
relay cover
V2
Ambient temperature
-25...+50 °C
Connections (according IEC)
solid wire
0.2...2.5 mm2
stranded wire
0.2...2.5 mm2
AWG
28...14
Installation position
any
Mounting
in rows with zero spacing
Type of connection
spring clamp connection
Relay weight
90 g
Packaging unit
2 pcs


Similar Part No. - SR6ZA730

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6ZA730 MACOM-SR6ZA730 Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
TE Connectivity Ltd
SR6ZA730 TEC-SR6ZA730 Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
More results

Similar Description - SR6ZA730

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR6 TEC-SR6 Datasheet
506Kb / 2P
   Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
TE Connectivity Ltd
SR2ZY024 TEC-SR2ZY024 Datasheet
359Kb / 2P
   Force Guided Relay on DIN-rail SR2 Z
logo
Tyco Electronics
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
   Safety Relay SR6 D/M
logo
Eaton All Rights Reserv...
MTL7787 EATON-MTL7787 Datasheet
1Mb / 16P
   DIN-rail mounting safety barriers
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
   DIN Rail Relay AC/DC Control
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
Tyco Electronics
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
   Relay package consisting of DIN-rail socket and relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com