Electronic Components Datasheet Search
Selected language     English  â–¼


LC7537N Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC7537N
Description  Electronic Volume Control System for Audio Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
CMOS LSI
Ordering number : EN2169C
81096HA(OT)/31293JN/7018YT/6186KI,TS No. 2169-1/11
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Electronic Volume Control System for
Audio Equipment
LC7537, 7537AN, 7537NE
Overview
The LC7537N is an electronic control LSI capable of
electronically controlling the volume, balance, loudness,
fader, bass, and treble functions individually with fewer
externally connected component parts.
Features
• Enables controlling the below-listed functions with 3-
line serial data, including CE, DI, and CLK. Also, due
to 0 V to 5 V swing of the serial data input voltage,
permits the use of a general purpose microcomputer.
Volume :
Separately controls the Lch and Rch
volume levels across 81 positions over
the 0 dB to –79 dB (in 1 dB steps) range
and –
∞, and consequently also serves
balance control purposes.
Loudness :
By virtue of a center tap provided at the
–20 dB position of the volume
controlling ladder resistors, permits
loudness to
be
controlled
with
externally connected CR components.
Fader :
By varying only the rear or front output
level across 16 positions, provides fader
functions (in 2 dB steps over the 0 dB to
–20 dB range, and 5 dB steps over the
–20 dB to –45 dB range, and at –
∞, for
a total of 16 positions).
Bass/Treble : With CR components externally
connected, forms an NF type tone
control circuit (Baxandall type) to
exercise control across 15 positions
over both the bass and treble functions
in 2 dB steps.
• By virtue of its CMOS structure, the LSI operates under
a broad power supply voltage range from +4.5 V to +15
V, permitting the use of either a single or a dual ± power
supply, whichever is preferred.
Package Dimensions
SANYO: DIP42S
[LC7573N]
unit : mm
3025B-DIP42S
SANYO: QIP48E
[LC7537NE]
SANYO: QIP48A
[LC7537AN]
unit : mm
3156-QFP48E
unit : mm
3052A-QFP48A




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC7538JMElectronic Volume Control System for Car Audio   1 2 3 4 5 MoreSanyo Semicon Device
LC75383EElectronic Volume Control for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
CXA2126QAudio/Video Switch with Electronic Volume for 2 Scart 1 2 3 4 5 MoreSony Corporation
LC75386NEElectronic Volume and Tone Control for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LC75391Single-Chip Electronic Volume Control System 1 2 3 4 5 MoreSanyo Semicon Device
LC75392Single-Chip Electronic Volume Control System 1 2 3 4 5 MoreSanyo Semicon Device
CXA2161RI2C Bus Compatible Audio Video AV Switch & Electronic Volume Control 1 2 3 4 5 MoreSony Corporation
LC75394NESingle-Chip Electronic Volume Control System 1 2 3 4 5 MoreSanyo Semicon Device
M5241LDUAL VCA FOR ELECTRONIC VOLUME CONTROL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC75410EElectronic Volume Controller for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl