Electronic Components Datasheet Search
Selected language     English  ▼


LC7537N Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LC7537N
Description  Electronic Volume Control System for Audio Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 4 page
background image
No. 2169-4/11
LC7537N, 7537AN, 7537NE
Pin No.
Symbol
Description of Functions
Remarks
8(2)
L-VSS
35(35)
R-VSS
42(42)
INIT
22(20)
CE
20(16)
DI
21(17)
CLK
1(43)
VDD
23(21)
VCC
19(15)
VSS
24(22)
VEE
2(3, 7)
41(18, 30,
NC
34, 41, 44)
(19)
VDD(NC)
Main volume control block fader control common terminals. The impedance of pattern
connected to these pins should be as low as possible. Since L–VSS (R–VSS) and VSS
have not been connected inside the LSI, they should be connected together on the outside
in conformance with their individual specifications. Particular attenuation should be paid to
the capacitance assigned to the capacitors put between L–VSS (R–VSS) and VSS, which
will emerge as a residual resistive component when control is turned down for maximum
attenuation.
Intra-IC latch resetting terminal
Control-setting data at the internal latch will be indeterminate when power has just been
switched on, so that by engaging the “L” level of this pin at power-on, the fader control
may be set at its –
∞ position and muting behaviour is engaged (Note: V
DD to VEE Level).
Chip enable terminal. When this pin is made “H” to “L”, data is written in the internal latch,
activating the various analog switches. When the “H” level is then restored, transfer of the
data will be enabled.
Input terminals for serial data and clock that serve control purposes.
Continued from preceding page.
These pins are connected to the relevant power supplies. Exercise caution against VCC
rising earlier than VDD.
No connect pins. Absolutely nothing should be connected here.
LC7537AN and
LC7537NE only
VDD subterminal. Connected to VDD or left open.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC7538JMElectronic Volume Control System for Car Audio   1 2 3 4 5 MoreSanyo Semicon Device
LC75383EElectronic Volume Control for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
CXA2126QAudio/Video Switch with Electronic Volume for 2 Scart 1 2 3 4 5 MoreSony Corporation
LC75386NEElectronic Volume and Tone Control for Car Stereo Systems 1 2 3 4 5 MoreSanyo Semicon Device
LC75391Single-Chip Electronic Volume Control System 1 2 3 4 5 MoreSanyo Semicon Device
LC75392Single-Chip Electronic Volume Control System 1 2 3 4 5 MoreSanyo Semicon Device
CXA2161RI2C Bus Compatible Audio Video AV Switch & Electronic Volume Control 1 2 3 4 5 MoreSony Corporation
LC75394NESingle-Chip Electronic Volume Control System 1 2 3 4 5 MoreSanyo Semicon Device
M5241LDUAL VCA FOR ELECTRONIC VOLUME CONTROL 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC75410EElectronic Volume Controller for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl