Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23148-A0003-B101 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23148-A0003-B101
Description  Power PCB Relay U/UB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23148-A0003-B101 Datasheet(HTML) 2 Page - Tyco Electronics

  V23148-A0003-B101 Datasheet HTML 1Page - Tyco Electronics V23148-A0003-B101 Datasheet HTML 2Page - Tyco Electronics V23148-A0003-B101 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay U/UB (Continued)
S0286-A
PCB layout / terminal assignment
Bottom view on solder pins
Monostable and bistable 1 coil
CO contact
NO contact
NC contact
S0285-AA
S0285-AB
S0285-AC
S0285-AD
Dimensions
Coil data
bistable
Rated coil voltage range
6 ... 48 VDC
Rated operate power
900...1300 mW / 20 ms
Reset voltage min., % of rated coil voltage
25%
Reset voltage max., % of rated coil voltage
45%
Coil versions, bistable
Coil
Rated
Operate
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
003
6
4.7
1.5
33+10%
1091
005
12
9.4
3.0
119+10%
1210
007
24
18.7
6.0
475+10%
1213
008
48
37.4
12.0
1750+10%
1317
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Insulation
Dielectric strength coil-contact circuit
2000 Vrms version V23148-*0***
4000 Vrms version V23148-*1***
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 2.5 / 2.5 mm version V23148-*0***
W 3.5 /3.5 mm version V23148-*1***
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
II
Other data
RoHS - Directive 2002/95/EC
compliant as per produc date code 0402
Flammability class according to UL94
V-0
Ambient temperature range
-25...+70°C
Operate- / release time
standard: 5/3 ms
sensitive: 7/3 ms
Operate- / reset time
5/3 ms
Bounce time NO / NC contact
2/10 ms
Vibration resistance (function) NO / NC contact
10/10 g
Shock resistance (function) NO / NC contact
10/10 g
Category of protection
RT III - wash tight
Resistance to soldering heat wash-tight version
260°C / 5 s
Relay weight
9,5 g
Packaging unit
25 pcs


Similar Part No. - V23148-A0003-B101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23148-A0003A101 MACOM-V23148-A0003A101 Datasheet
80Kb / 3P
   Power PCB Relay U/UB
V23148-A0003B101 MACOM-V23148-A0003B101 Datasheet
80Kb / 3P
   Power PCB Relay U/UB
V23148-A0003C101 MACOM-V23148-A0003C101 Datasheet
80Kb / 3P
   Power PCB Relay U/UB
More results

Similar Description - V23148-A0003-B101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23148 MACOM-V23148 Datasheet
80Kb / 3P
   Power PCB Relay U/UB
2-1393203-9 MACOM-2-1393203-9 Datasheet
407Kb / 3P
   Power PCB Relay U/UB
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com