Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K60P100M100SF2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # K60P100M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K60P100M100SF2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  K60P100M100SF2 Datasheet HTML 1Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 2Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 3Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 4Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 5Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 6Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 7Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 8Page - Freescale Semiconductor, Inc K60P100M100SF2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
• Communication interfaces
– Ethernet controller with MII and RMII interface to external PHY and hardware IEEE 1588 capability
– USB full-/low-speed On-the-Go controller with on-chip transceiver
– Two Controller Area Network (CAN) modules
– Three SPI modules
– Two I2C modules
– Four UART modules
– Secure Digital host controller (SDHC)
– I2S module
K60 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
2
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - K60P100M100SF2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K60P100M100SF2RM FREESCALE-K60P100M100SF2RM Datasheet
9Mb / 1809P
   K60 Sub-Family Reference Manual
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 76P
   K60 Sub-Family
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Hardware CRC module to support fast cyclic redundancy checks
logo
NXP Semiconductors
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
More results

Similar Description - K60P100M100SF2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P144M100SF2 FREESCALE-K40P144M100SF2_11 Datasheet
1Mb / 75P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P144M100SF2 FREESCALE-K20P144M100SF2_11 Datasheet
1Mb / 74P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P100M100SF2 FREESCALE-K50P100M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P81M100SF2 FREESCALE-K20P81M100SF2_11 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com