Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX53XD Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCIMX53XD
Description  i.MX53xD Applications Processors for Consumer Products
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX53XD Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCIMX53XD Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX53XD Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 204 page
background image
Architectural Overview
i.MX53xD Applications Processors for Consumer Products, Rev. 1
Freescale Semiconductor
7
2.1
Block Diagram
Figure 1 shows the functional modules in the i.MX53xD processor system.
Figure 1. i.MX53xD System Block Diagram
NOTE
The numbers in brackets indicate number of module instances. For example,
PWM (2) indicates two separate PWM peripherals.
Application Processor
Smart DMA
(SDMA)
Shared Peripherals
AP Peripherals
ARM Cortex A8
ARM Cortex A8
Platform
Timers
CSPI
UART (4)
GPT
PWM (2)
EPIT (2)
GPIOx32 (7)
WDOG (2)
OWIRE
I2C(3)
IOMUXC
IIM
AUDMUX
KPP
Boot
ROM
SSI (2)
RTICv3
SCCv2
SRTC
CSU
Fuse Box
Debug
DAP
TPIU
FIRI
SAHARAv4
Lite
Security
TZIC
Image Processing
USB OTG +
3 HS Ports
CTI (2)
ECSPI
Internal
USB PHY2
USB PHY1
External
Memory I/F
RAM
144 KB
Subsystem
(IPU)
TV-Encoder
LDB
LCD
Display-1,2
Domain (AP)
Composite CVBS/ S-Video
Component RGB, YCC
(HD TV-Out / VGA)
SJC
Neon, VFPv3
L2 cache 256 KB
ETM, CTI0,1
L1 I/D cache
IrDA
XVR
WLAN
USB OTG
(dev/host)
JTAG
(IEEE1149.1)
Bluetooth
Keypad
Access.
Conn.
MMC/SD
eMMC/eSD
GPS
RF/IF
RF / IF
IC’s
Audio,
Power
Mngmnt.
SPBA
FlexCAN (2)
Digital
Audio
CAN i/f
eSDHCv2 (3)
UART
SPDIF Rx/Tx
ASRC
Video
Proc. Unit
(VPU)
3D Graphics
Proc. Unit
(GPU3D)
G-Memory
256 KB
2D Graphics
Proc. Unit
(GPU2D)
LVDS
(WSXGA+)
Battery Ctrl
Device
NOR/NAND
Flash
Ethernet
10/100
Mbps
FEC(IEEE1588)
Camera
(2)
64 KB
Clock and Reset
PLL (4)
CCM
GPC
SRC
XTALOSC(2)
CAMP (2)
Temperature
Sensor
eSDHCv3
Camera
(2)
(EXTMC)
LCD
Display (2)
SSI
ECSPI
ESAI
P-ATA
SATA
+ Temp Mon
SATA /
P-ATA
HDD
DDR2/DDR3/
LPDDR2


Similar Part No. - MCIMX53XD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX53XD NXP-MCIMX53XD Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
More results

Similar Description - MCIMX53XD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com