Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP1510AXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2DP1510AXIT
Description  1:10 LVPECL Fanout Buffer with Selectable Clock Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1510AXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2DP1510AXIT Datasheet HTML 5Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 6Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 7Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 8Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 9Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 10Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 11Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 12Page - Cypress Semiconductor CY2DP1510AXIT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY2DP1510
Document Number: 001-55566 Rev. *G
Page 9 of 13
Ordering Information
Ordering Code Definition
Part Number
Type
Production Flow
Pb-free
CY2DP1510AXC
32-Pin TQFP
Commercial, 0 °C to 70 °C
CY2DP1510AXCT
32-Pin TQFP tape and reel
Commercial, 0 °C to 70 °C
CY2DP1510AXI
32-Pin TQFP
Industrial, –40 °C to 85 °C
CY2DP1510AXIT
32-Pin TQFP tape and reel
Industrial, –40 °C to 85 °C
CY
Base part number
2DP15 10
Number of differential output pairs
Company ID: CY = Cypress
AX
Pb-free TQFP package
Temperature range
C = Commercial
I = Industrial
C/I T
Tape and reel
[+] Feedback


Similar Part No. - CY2DP1510AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1502 CYPRESS-CY2DP1502 Datasheet
482Kb / 13P
   1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXC CYPRESS-CY2DP1502SXC Datasheet
482Kb / 13P
   1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXCT CYPRESS-CY2DP1502SXCT Datasheet
482Kb / 13P
   1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXI CYPRESS-CY2DP1502SXI Datasheet
482Kb / 13P
   1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
CY2DP1502SXIT CYPRESS-CY2DP1502SXIT Datasheet
482Kb / 13P
   1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
More results

Similar Description - CY2DP1510AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Analog Devices
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Analog Devices
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
Cypress Semiconductor
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com