Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33781 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33781
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BUS TRANSMITTER (DnH, DnL)
Output Bus Idle Voltage (Drop)
InH = -200mA, InL = 200mA(6)
VDnD(Drop)
(7)(8)
1.6
V
Output Signal High Voltage (Differential)
-12.5mA
≤ InH ≤ 1.0mA, -1.0mA ≤ InL ≤ 12.5mA (6)
VDnD(HIGH)
(7)
4.175
4.5
4.825
V
Output Signal Low Voltage (Differential)
-12.5mA
≤ InH ≤ 1.0mA, -1.0mA ≤ InL ≤ 12.5mA(6)
VDnD(LOW)
(7)
1.175
1.5
1.825
V
Vmid, (DnH + DnL)/2 (Voltage Halfway Between Bus High Side and
Bus Low Side
VMID
(8)
VSUPn/
2-0.8
VSUPn/2
VSUPn/
2+0.8
V
VCM Peak to Peak (Maximum Vmid-Minimum Vmid)
For Vmid (Idle), Vmid (Signal_H), Vmid (Signal_L)(5)
VCMP
0
30
mV
Bus Driver Vmid Peak to Peak, (DnH+DnL)/2(5)
For Signal to Idle, Idle, Idle to Signal,
VmidPP(Idle)=Vmid(Max)- Vmid (Min)
VMIDPP(IDLE)
300
mV
Bus Driver Vmid Peak to Peak (Dnh+DnL)/2(5)
For Signal_H to Signal_L, Signal_L, Signal_L to Signal_H, Signal_H
VmidPP(Signal)=Vmid(Max)-Vmid(Min)
VMIDPP(SIGNAL)
80
mV
Output High Side (DnH) Driver Current Limit
Fault Condition: DnH = 0V
Normal Operation
Fault Condition: DnH = VSUPn
ICL(HIGH)
-600
-400
150
-200
-200
350
mA
Output Low Side (DnL) Driver Current Limit
Fault Condition: DnL = 0V
Fault Condition: DnL = VSUPn
ICL(LOW)
-350
200
-150
400
mA
Signal mode Over-current Shutdown
l ISSD l DnH, DnL
ISSD
20
60
mA
Disabled High Side (DnH) Bus Leakage (DnL open)
DnH = 0V
DnH = VSUPn
ILK(HIGH)
-1.0
-1.0
1.0
1.0
mA
Disabled Low Side (DnL) Bus Leakage (DnH open)(9)
DnL = 0V
DnL = VSUPn
ILK(LOW)
-1.0
-1.0
1.0
1.0
mA
Notes
5.
Not measured in production.
6.
InH=bus current at DnH, InL=bus current at DnL
7.
VDnD=VDnH-VDnL
8.
Max VDnD = VSUPn - 2 * VMID_OFFSET - VDnD(Drop), VMID_OFFSET = |VMID - VSUPn / 2|
9.
Worst Case Disabled Low Side Bus Leakage for DnL occurs with DnL = VSUP and DnH = 0V. In this configuration, the DnL leakage
current can exceed 1mA. This is not measured in production.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75V
≤ VCC ≤ 5.25V, 9.0V ≤ VSUPn ≤ 25V,-40°C ≤ TA 90°C, unless otherwise
noted. Voltages relative to GND, unless otherwise noted. Typical values noted reflect the approximate mean values of the
parameter at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 33781

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33781 FREESCALE-33781 Datasheet
1Mb / 44P
   Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
More results

Similar Description - 33781

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33781 FREESCALE-33781 Datasheet
1Mb / 44P
   Quad DSI 2.02 Master with Differential Drive and Frequency Spreading
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
logo
WAGO Kontakttechnik Gmb...
750-641 WAGO-750-641 Datasheet
494Kb / 11P
   DALI/DSI Master
logo
NXP Semiconductors
MC33SA0528 NXP-MC33SA0528 Datasheet
1Mb / 40P
   Dual DSI master transceiver
Rev. 3.0, 7/2016
SJA1124 NXP-SJA1124 Datasheet
524Kb / 54P
   Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
logo
AVG Semiconductors(HITE...
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
ON Semiconductor
MC74AC175 ONSEMI-MC74AC175 Datasheet
178Kb / 6P
   QUAD D FLIP-FLOP WITH MASTER RESET
logo
NXP Semiconductors
TJA1124 NXP-TJA1124 Datasheet
275Kb / 23P
   Quad LIN master transceiver
logo
Linear Technology
LTC2874 LINER-LTC2874_15 Datasheet
716Kb / 44P
   Quad IO-Link Master Hot Swap Controller and PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com